Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D70H4B-2.50KHZ Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # D70H4B-2.50KHZ
Description  100 Hz to 50 kHz Fixed Frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70H4B-2.50KHZ Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  D70H4B-2.50KHZ Datasheet HTML 1Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 2Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 3Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 4Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 5Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 6Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 7Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 8Page - Frequency Devices, Inc. D70H4B-2.50KHZ Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Specification
(25°C and Vs ± 15 Vdc)
D70 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00D70-01
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Analog Input Characteristics1
Impedance
10 k
W min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
± Vs
Analog Output Characteristics
Impedance
1
W
Linear Operating Range
± 10 V
Maximum Current2
± 10 mA
Offset Voltage3
± 10 mV
Offset Temp. Coeff.
50
mV /°C
Power Supply (±Vs)
Rated Voltage
± 15 Vdc
Operating Range
± 5 to ± 18 Vdc
Maximum Safe Voltage
± 18 Vdc
Quiescent Current (max.)
8 Pole
± 18 mA
6 Pole
± 15 mA
4 Pole
± 10 mA
Temperature
Operating
0 to + 70°C
Storage
- 25 to + 85°C
Notes:
1. Input and output signal voltage referenced to supply
common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±VS.
3. Adjustable to zero.
4.
How to specify Corner Frequencies:
Corner frequencies are specified by attaching a three digit frequency designa-
tor to the basic model number. Corner frequencies can range from 100 Hz to
50.0 kHz.
Optional Offset Adjustment
5
Filter Type
L - Low Pass
H - High Pass
D70L8B-849 Hz
Transfer Function
B - Butterworth
L - Bessel
Ordering Information
No. of Poles
8
6
4
-3 dB Corner Frequency
4
e.g., 849 Hz
2.50 kHz
33.3 kHz
Recommend PC board hole 0.025”
Filter Mounting Assembly-See FMA-01A


Similar Part No. - D70H4B-2.50KHZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70H4B FREQUENCYDEVICES-D70H4B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
More results

Similar Description - D70H4B-2.50KHZ

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG50-100K MICRONETICS-NZG50-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG150-100K MICRONETICS-NZG150-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG100-100K MICRONETICS-NZG100-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-100K MICRONETICS-NZG25-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG5-100K MICRONETICS-NZG5-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG10-100K MICRONETICS-NZG10-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-500K MICRONETICS-NZG25-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-500K MICRONETICS-NZG10-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com