Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D70H6B-849HZ Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D70H6B-849HZ
Description  100 Hz to 50 kHz Fixed Frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70H6B-849HZ Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D70H6B-849HZ Datasheet HTML 1Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 2Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 3Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 4Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 5Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 6Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 7Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 8Page - Frequency Devices, Inc. D70H6B-849HZ Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Fixed Frequency
D70 Series
8-, 6-, 4-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
1. Phase Match and Amplitude Accuracy are within ±2% max., ±1% typ. of the theoretical transfer characteristics.
Model
D70L8B
D70L6B
D70L4B
Product Specifications
Transfer Function
8-Pole, Butterworth
6-Pole, Butterworth
4-Pole, Butterworth,
Size
0.84” x 0.65” x 0.31”
0.84” x 0.65” x 0.31”
0.65” x 0.51” x 0.31”
Range fc
100 Hz to 50 kHz
100 Hz to 50 kHz
100 Hz to 50 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 8
Page 7
Passband Ripple
0.0 dB
0.0 dB
0.0 dB
(theoretical)
DC Voltage Gain
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
(non-inverting)
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.02% /°C
± 0.02% /°C
± 0.02% /°C
Amplitude
-3 dB
-3 dB
-3 dB
Phase
-360°
-270°
-180°
Filter Attenuation
0.12 dB
0.80 fc
0.29 dB
0.80 fc
0.67 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
2.37 fc
60.0 dB
3.16 fc
60.0 dB
5.62 fc
80.0 dB
3.16 fc
80.0 dB
4.64 fc
80.0 dB
10.0 fc
Phase Match1
Amplitude Accuracy1
(theoretical)
Total Harmonic
Distortion @ 1 kHz
< -90 dB
< -90 dB
< -90 dB
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(20 Hz - 4 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(5 Hz - 50 kHz)
Filter Mounting
Assembly
FMA-01A
FMA-01A
FMA-01A


Similar Part No. - D70H6B-849HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70H6B FREQUENCYDEVICES-D70H6B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
More results

Similar Description - D70H6B-849HZ

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG50-100K MICRONETICS-NZG50-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG150-100K MICRONETICS-NZG150-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG100-100K MICRONETICS-NZG100-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-100K MICRONETICS-NZG25-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG5-100K MICRONETICS-NZG5-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG10-100K MICRONETICS-NZG10-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-500K MICRONETICS-NZG25-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-500K MICRONETICS-NZG10-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com