Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF2007 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF2007
Description  2.0A Ultra-fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF2007 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF2007 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF2007 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150 175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
UF2001 - UF2003
UF2005 - UF2007
UF2004
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fi . 5 Reverse Recover Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
UF2001-UF2007
2.0A Ultra-fast Rectifier
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
DO-15
3000/AMMO
30000
42X28X31
12.00
10.00


Similar Part No. - UF2007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2007 DIODES-UF2007 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
HY ELECTRONIC CORP.
UF2007 HY-UF2007 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Diodes Incorporated
UF2007 DIODES-UF2007 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
SAMYANG ELECTRONICS CO....
UF2007 SAMYANG-UF2007 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIER
logo
Compact Technology Corp...
UF2007 CTC-UF2007 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - UF2007

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
UF2001 YIXIN-UF2001 Datasheet
209Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001_1 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001_2 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com