Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA220 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TPA220
Description  Telecommunication Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TPA220 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TPA220 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V
I
I PP
I H
I RM
I BO
VRM
VBR VBO
I R
Tamb=50
1.7
W
10/1000 s
8/20 s
50
100
A
tp=20m s
30
A
tp=20m s
9
A2s
VRM
5KV/ s
-55to+150
150
230
Symbol
Value
Unlt
Rth(j-l)
60
/W
Rth(j-a)
100
/W
I H
C
min.
note
2
max.
note
3
mA
PF
2
62
1.0
800
150
150
2
68
1.0
800
150
150
2
100
1.0
800
150
100
2
120
1.0
800
150
100
2
130
1.0
800
150
100
2
180
1
.0
800
150
100
2
200
1.0
800
150
100
2
220
1.0
800
150
100
2
240
1.0
800
150
100
2
270
1.0
800
150
100
Symbol
VRM
IRM
VR
VBR
VBO
IH
IBO
IPP
C
Note : Measured at 50Hz (1 cycle) See test circuit 1.
Note
2: See test circuit2.
Note
3: V
R=1V ,F=1MHz, Ref er to fig.3 f or C versus V R.
Breakover vol
tage
Holding current
Breakover current
Peak pulse current
Continuous
reverse voltage
Break
down voltage
Capacitance
Parameter
Stand-off voltage
133
ELECTRICAL CHARACTERISTICS (TA=25
)
Leakage current at stand-off voltage
243
82
90
160
173
240
267
293
320
360
TPA270
56
61
90
108
117
162
180
198
216
TPA180
TPA200
TPA220
TPA240
TPA68
TPA100
TPA120
TPA130
TPA62
Type
IRM @ VRM
max.
A
V
VBO @ IBO
max.
note
1
V
mA
Parameter
Junction to leads (Llead=10mm)
Junction to ambient
on printed circuit (Llead=10mm)
VBR @ IR
m
in.
V
mA
Storage temperature range
Maximum junction tem perature
Maximum leadtem perature for soldering during 10sat 5mm form case
Power dissipation on infinite heatsink
Peak pulse current
Non repetitive surge peak on-state current
I2t vallue for fusing
Critical rate of rise of off-state voltage
IFSM
I2t
dV/dt
Tstg
Tj
THERMAL RESISTANCES
Symbol
Unit
Value
ABSOLUTE MAXIMUM RATINGS (TA=25
)
P
Ipp
Parameter
TL
1
TPA Series
Telecommunication Protection
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - TPA220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPA220 STMICROELECTRONICS-TPA220 Datasheet
53Kb / 5P
   TRISIL
TPA220 STMICROELECTRONICS-TPA220 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA220 BILIN-TPA220 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA220 STMICROELECTRONICS-TPA220 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Shenzhen Taychipst Elec...
TPA220 TAYCHIPST-TPA220 Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
More results

Similar Description - TPA220

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com