Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR215 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SR215
Description  2.0AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SR215 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SR215 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SR215 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-15
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: DO-15 molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.4 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
202
SR
203
SR
204
SR
205
SR
206
SR
209
SR
210
SR
215
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage@2.0
A
VF
0.55
0.70
0.85
0.95
V
0.5
Maximum D.C. Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
5.0
0.1
2.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
120
85
65
pF
Typical Thermal Resistance (Note 1)
RθJA
75
o
C/W
Operating Junction Temperature Range
TJ
-65 to +150
o
C
Storage Temperature Range
T
STG
-65 to +150
o
C
Notes: 1. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
SR202-SR215
2.0AMP. Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - SR215

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR215 TSC-SR215 Datasheet
162Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
SR215 TSC-SR215 Datasheet
558Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
SR215 TSC-SR215 Datasheet
258Kb / 4P
   2.0AMPS. Schottky Barrier Rectifiers High reliability
logo
Lumins Inc.
SR215 LUMINIS-SR215 Datasheet
912Kb / 4P
   Cast aluminum driver housing.
logo
Taiwan Semiconductor Co...
SR215 TSC-SR215 Datasheet
207Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SR215

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SR220-DO-15 YFWDIODE-SR220-DO-15 Datasheet
324Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
   2.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com