Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFAM3620TR13 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # RFAM3620TR13
Description  CATV Edge QAM MCM 1218MHz 36dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620TR13 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button RFAM3620TR13 Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 9Page - TriQuint Semiconductor RFAM3620TR13 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RFAM3620
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
6 of 10
www.qorvo.com
®
Pin Configuration
1
2
3
4
11
12
13
14
15
Power Enable
Att. Adjust
RF IN +
RF IN -
RF OUT -
DC OUT
RF OUT +
V2 +
V1 +
GND
18
17
16
19
21
20
8
9
10
7
5
6
Pin Description
Pin No.
Label
Description
1
Power Enable
Logic Level (3.3V) Power Enable Control
2
Att. Adjust
Voltage Adjustable Attenuator
3
RF IN (+)
RF AMP Positive Input
4
RF IN (-)
RF AMP Negative Input
5 - 8
N.C.
9
Rt
NTC Output for Temperature Sensing
10
N.C.
11
RF OUT (-)
RF AMP Negative Output
12
DC Out
12V Output
13
RF OUT (+)
RF AMP Positive Output
14
V2 +
Supply Voltage 5.6V
15
V1 +
Supply Voltage 12V
16 - 21
N.C.


Similar Part No. - RFAM3620TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFAM3620TR7 QORVO-RFAM3620TR7 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
More results

Similar Description - RFAM3620TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com