Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QPB7464 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. QPB7464
Description  CATV 75(ohm) pHEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

QPB7464 Datasheet(HTML) 2 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPB7464
CATV 75
pHEMT Dual RF Amplifier
Data Sheet –Rev (B), July 5, 2017 | Subject to change without notice
- 2 of 11 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+10 V
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +100 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
+5.0
V
IDD (Total EVB Current)
+240
mA
Tj for>106 hours MTTF
+150
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Parameter
Conditions (1)
Min
Typ
Max
Unit
Operational Frequency Range
50
2600
MHz
Gain
11.5
dB
Gain Flatness
±
0.75
dB
Noise Figure
4.5
dB
Input Return Loss
8
dB
Output Return Loss
8
dB
OIP3
37
dBm
VDD
5
V
IDD
240
mA
Thermal Resistance (θjc)
Junction to Case
14
°C / W
Notes:
1. Test conditions unless otherwise noted: Temp. = +25 °C, VDD = 5 V, 75
system


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn