Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QPB7464 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. QPB7464
Description  CATV 75(ohm) pHEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

QPB7464 Datasheet(HTML) 1 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QPB7464
CATV 75
pHEMT Dual RF Amplifier
Data Sheet –Rev (B), July 5, 2017 | Subject to change without notice
- 1 of 11 -
www.qorvo.com
Product Overview
The QPB7464 is a 75 , fully integrated, dual-die differential
RF Amplifier covering medium power applications in the
CATV band. It is fabricated using 6 inch GaAs pHEMT
technology to optimize performance and cost.
Functional Block Diagram
Top View
Key Features
50 – 2600 MHz Bandwidth
75
Impedance
pHEMT Device Technology
Meets DOCSIS 3.1 Output Requirements
+5 V Supply Voltage
240 mA Current Consumption
SOIC-8 package
+37 dBm OIP3
12 dB Gain
Applications
Replacement for +5 V SOIC-8 Amplifiers
Edge QAM Output Stage
MDU Output
Satellite Frequency Distribution
V-ONU Receiver Output Stage
SOIC-8 Package
Ordering Information
Part No.
Description
QPB7464SQ
Sample bag with 25 pieces
QPB7464SR
7” Reel with 100 pieces
QPB7464TR13
13” Reel with 2500 pieces
QPB7464PCK401
Amplifier Evaluation Board
1
3
2
4
5
7
6
8
1
3
2
4
5
7
6
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn