Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QPB7464 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part No. QPB7464
Description  CATV 75(ohm) pHEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

QPB7464 Datasheet(HTML) 4 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QPB7464
CATV 75
pHEMT Dual RF Amplifier
Data Sheet –Rev (B), July 5, 2017 | Subject to change without notice
- 4 of 11 -
www.qorvo.com
Evaluation Board Bill of Materials (BOM)
Description
Designator
Manufacturer
Part Number
QPB7464 50-2600MHz GP CATV Gain Block
U1
Qorvo, Inc.
QPB7464SB
PCB
Viasystems Technologies Corp LLC
CAP, 1000 pF, 10%, 50 V, 0402
C3, C4
Murata Electronics-Singapore
GRM155R71H102KA01D
CAP, 0.01uF, 10%, 16 V, X7R, 0402
C1, C2, C5, C6,
C7, C8, C9, C10
Panasonic
ECJ-0EB1C103K
CAP, 0.7 pF, +/-0.1pF, 50 V, C0G, 0402
C12, C13
Murata Electronics-Singapore
GJM1555C1HR70BB01D
IND, 880 nH, +/-5%, 1 MHz, 1206
L1, L2, L4
Murata
LQH31HNR88J03
RES, 330 , 1%, 1/16W, 0402
R1, R2
Vishay
CRCW0402330RFKRD
RES, 0 , 5%, 1/10W, 0402
C11, L3, L5, L6,
R3, R4
Kamaya, Inc.
RMC1/16SJPTH
Balun, 1:1, 75
T1, T2
Mini-Circuits
TC1-1-13M-17+
HEADER PIN, 2 POS 0.1"RA, SMT
P1
Molex
022-28-8021
Connector 75 , Edge Launch F
J1, J2
Lighthorse Technologies
LTI-FSF55NT-P
Not Populated Item
RBIAS1, RBIAS2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn