Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11JH155MBA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CWR11JH155MBA
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11JH155MBA Datasheet(HTML) 2 Page - Vishay Siliconix

  CWR11JH155MBA Datasheet HTML 1Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 2Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 3Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 4Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 5Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 6Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 7Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 8Page - Vishay Siliconix CWR11JH155MBA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CWR11
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
2
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6 V
10 V
15 V
20 V
25 V
35 V
50 V
0.10
AA
0.15
AB
0.22
AB
0.33
AA
B
0.47
AA
B
C
0.68
A
A
B
B
C
1.0
A
A
A
B
B
C
1.5
A
A
A
B
B
C
D
2.2
AAA
B
B
C
C
D
3.3
A
B
B
B
C
C
D
4.7
A
BBB
C
C
D
D
6.8
B
B
B
C
D
D
10
B
B
C
D
15
B
C
C
D
D
22
C
D
D
33
C
D
D
47
D
D
68
D
D
100
D
MARKING
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DC LEAKAGE (μA) AT
MAX. DF 120 Hz (%) AT
MAX. ESR
AT +25 °C
100 kHz (
Ω)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
2.2
A
CWR11C(1)225(2)(3)(4)(5)
0.5
5.0
6.0
6
9
9
8.0
4.7
A
CWR11C(1)475(2)(3)(4)(5)
0.5
5.0
6.0
6
9
9
8.0
6.8
B
CWR11C(1)685(2)(3)(4)(5)
0.5
5.0
6.0
6
9
9
5.5
10
B
CWR11C(1)106(2)(3)(4)(5)
0.5
5.0
6.0
6
9
9
4.0
15
B
CWR11C(1)156(2)(3)(4)(5)
0.6
6.0
7.2
6
9
9
3.5
33
C
CWR11C(1)336(2)(3)(4)(5)
1.3
13.0
15.6
6
9
9
2.2
68
D
CWR11C(1)686(2)(3)(4)(5)
2.7
27.0
32.4
6
9
9
1.1
100
D
CWR11C(1)107(2)(3)(4)(5)
4.0
40.0
48.0
8
12
12
0.9
Note
• Part number definitions:
(1) Termination: H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, D, M, P, R, S, T
Exponential failure rate levels M, P, R, and S are inactive for new design per MIL-PRF-55365
Capacitors qualified to Weibull failure rate levels are substitutable for exponential failure rate levels
(4) Surge current (optional): A, B, C
(5) Packaging: blank, /HR, /PR, /PT, /FA
Capacitance
Vishay marking
B, C, D Cases
A Case
105
2
Capacitance code, pF
Polarity (+)
band
Polarity (+)
band
“JAN” brand
105J
35
“JAN” brand
Voltage
J


Similar Part No. - CWR11JH155MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11JH155MBA VISHAY-CWR11JH155MBA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
More results

Similar Description - CWR11JH155MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com