Electronic Components Datasheet Search |
|
UB226SKG035F-2B Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
UB226SKG035F-2B Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 12 page Series UB2 Low Profile Pushbuttons D92 D www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 5A @ 125/250V AC or 5A @ 30V DC Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 50 milliohms maximum for silver; 100 milliohms maximum for gold Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 1,000,000 operations minimum for momentary; 200,000 operations minimum for alternate action Electrical Life: 10,000 operations minimum for silver; 200,000 operations minimum for gold Nominal Operating Force: Single Pole: 1.90N Double Pole: 2.55N Contact Timing: Break before make Travel: Pretravel .067” (1.7mm); Overtravel .024” (0.6mm); Total Travel .091” (2.3mm) Materials & Finishes Housing/Bezel: Glass fiber reinforced polyamide (UL94V-0) Snap-in Frame: Stainless steel Movable Contactor: Phosphor bronze Movable Contacts: Silver alloy or copper with gold plating Stationary Contacts: Silver alloy or copper with gold plating Switch Terminals: Phosphor bronze with silver or gold plating Lamp Terminals: Brass with tin plating Base: Glass fiber reinforced liquid crystal polymer (UL94V-0) Environmental Data Operating Temperature Range: –25°C through +50°C (–13°F through +122°F) for Illuminated –25°C through +70°C (–13°F through +158°F) for Nonilluminated Humidity: 90 ~ 95% humidity for 240 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Installation Cap Installation Force: 15.0N maximum downward force on cap Processing Soldering: Wave Soldering (PC version): See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Cleaning: These devices are not process sealed. Hand clean locally using alcohol based solution. Standards & Certifications Flammability Standards: UL94V-0 housing/bezel & base UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/U” or “/CUL” before dash in part number to order UL recognized switch. UL recognized only when ordered switch body with cap assembled. All single & double pole models recognized at 5A @ 125/250V AC or 0.014A @ 28V DC. |
Similar Part No. - UB226SKG035F-2B |
|
Similar Description - UB226SKG035F-2B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |