Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPA-63 Datasheet(PDF) 1 Page - Sanken electric

Part # SFPA-63
Description  Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SFPA-63 Datasheet(HTML) 1 Page - Sanken electric

  SFPA-63 Datasheet HTML 1Page - Sanken electric SFPA-63 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
Package
Part Number
VRM
(V)
IF (AV)
(A)
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IR
(mA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
Surface Mount
Axial
Center-tap
30
1.0
1.0
1.0
1.0
2.0
2.0
2.0
3.0
3.0
5.0
6.0
1.0
1.0
1.0
1.5
1.7
2.0
2.5
3.0
3.0
10
20
30
MI1A3
MI2A3
SFPA-53
SFPJ-53
SFPA-63
SFPE-63
SFPJ-63
SFPA-73
SFPJ-73
SPJ-G53S
SPJ-63S
AK 03
EA 03
EK 03
EK 13
RK 13
RA 13
RK 33
RJ 43
RK 43
FMJ-23L
FMJ-2203
FMJ-2303
1.0
1.0
1.0
1.0
2.0
2.0
2.0
3.0
3.0
5.0
3.0
1.0
1.0
1.0
2.0
2.0
2.0
2.5
3.0
3.0
5.0
10.0
15.0
1
2
1.5
1.0
3.0
0.2
2.0
4.5
3.0
5.0
3
1
1.5
5
5
5
3
5
3
5
5
10
15
70
70
20
20
20
20
20
20
20
5
5
22
20
20
17
15
15
12
8
8
4
4
4
82
85
86
87
87
88
93
0.011
0.011
0.072
0.072
0.072
0.072
0.072
0.072
0.072
0.29
0.29
0.13
0.3
0.3
0.3
0.45
0.45
0.6
1.2
1.2
2.1
2.1
2.1
12
12
30
30
40
40
40
50
50
100
50
25
30
40
40
60
40
50
50
80
100
150
150
70
110
70
35
140
20
70
210
100
250
100
50
70
50
50
50
140
50
100
50
250
350
500
150 (Tj)
125 (Tj)
100
150
100
150 (Tj)
150
100
150
150
150 (Tj)
100 (Tj)
100
100
100
100
100
100
150
100
150 (Tj)
150
150
0.47
0.39
0.36
0.45
0.36
0.55
0.45
0.36
0.45
0.45
0.45
0.55
0.36
0.55
0.55
0.55
0.36
0.55
0.45
0.55
0.45
0.47
0.48
–40 to +150
–40 to +125
–40 to +125
–40 to +150
–40 to +125
–40 to +150
–40 to +150
–40 to +125
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +125
–40 to +150
–40 to +150
–40 to +150
–40 to +125
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
4.5±0.2
2.0min
1.35±0.4
1.35±0.4
5.1
1.1±0.2
1.5±0.2
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
2.6±0.2
3.6±0.2
Rth (j- )
Rth (j- c)
(
°C/W)
Schottky Barrier Diodes
30V
Fig.
No.
+0.4
–0.1
6.5±0.4
2.3±0.4
5.4
4.9
4.1
5.4±0.4
0.8±
0.1
0.8
1.5 max
±0.1
0.55 ±0.1
0.55±0.1
1.15±0.1
2.29±0.52.29±0.5
0 to 0.25
2.9
a: Part Number
b: Polarity
c: Lot No.
(Common to backside of case)
N.C
1 Chip
Anode
Cathode
Anode
Center-tap
Anode
Cathode (Common)
a
b
c
*
: Under development
*
*
*
Surface Mount
Center-tap


Similar Part No. - SFPA-63

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPA-63 SANKEN-SFPA-63 Datasheet
11Kb / 1P
   Schottky Barrier Diodes (Surface Mount) 30V
More results

Similar Description - SFPA-63

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com