Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF10UP60S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FFPF10UP60S
Description  Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10UP60S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFPF10UP60S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10UP60S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10UP60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10UP60S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, May 2004
Package Dimensions
Dimensions in Millimeters
TO-220F-2L
2.54
±0.20
0.80
±0.10
0.35
±0.10
2.76
±0.20
MAX1.47
(1.00x45
°)
(0.70)
10.16
±0.20
9.40
±0.20
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05


Similar Part No. - FFPF10UP60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
   Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results

Similar Description - FFPF10UP60S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com