Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11MH155JRA Datasheet(PDF) 10 Page - Vishay Siliconix

Part # CWR11MH155JRA
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11MH155JRA Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button CWR11MH155JRA Datasheet HTML 6Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 7Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 8Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 9Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 10Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 11Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 12Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 13Page - Vishay Siliconix CWR11MH155JRA Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
4
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH RELIABILITY PRODUCTS
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TM3
T83
T86
CWR11
95158
PRODUCT
IMAGE
TYPE
TANTAMOUNT™,
molded case,
Hi-Rel.
TANTAMOUNT™, molded case,
Hi-Rel. COTS
TANTAMOUNT™, molded case,
DLA approved
FEATURES
High reliability,
for Medical
Instruments
High reliability,
standard and
low ESR
High reliability,
built-in fuse,
standard and
low ESR
MIL-PRF-55365/8
qualified
Low ESR
TEMPERATURE
RANGE
-55 °C to +125 °C
CAPACITANCE
RANGE
1 μF to 220 μF
0.1 μF to 470 μF 0.47 μF to 330 μF
0.1 μF to 100 μF
4.7 μF to 220 μF
VOLTAGE RANGE
4 V to 20 V
4 V to 63 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
± 5 %, ± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.005 CV or 0.25 μA,
whichever is greater
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
4 % to 8 %
4 % to 15 %
6 % to 16 %
4 % to 6 %
4 % to 12 %
CASE CODES
A, B, C, D, E
A, B, C, D, E
C, D, E
A, B, C, D
C, D, E
TERMINATION
100 % matte tin;
tin / lead
100 % matte tin;
tin / lead;
tin / lead
solder fused
100 % matte tin
Tin / lead;
tin / lead solder fused
Tin / lead solder plated;
gold plated


Similar Part No. - CWR11MH155JRA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11MH155JBA VISHAY-CWR11MH155JBA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11MH155JCA VISHAY-CWR11MH155JCA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
More results

Similar Description - CWR11MH155JRA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com