Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXT000116 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # FXT000116
Description  Excellent Thermal Stability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

FXT000116 Datasheet(HTML) 2 Page - Advanced Semiconductor

  FXT000116 Datasheet HTML 1Page - Advanced Semiconductor FXT000116 Datasheet HTML 2Page - Advanced Semiconductor FXT000116 Datasheet HTML 3Page - Advanced Semiconductor FXT000116 Datasheet HTML 4Page - Advanced Semiconductor FXT000116 Datasheet HTML 5Page - Advanced Semiconductor FXT000116 Datasheet HTML 6Page - Advanced Semiconductor FXT000116 Datasheet HTML 7Page - Advanced Semiconductor FXT000116 Datasheet HTML 8Page - Advanced Semiconductor FXT000116 Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS18A
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
2
HVV1012-550 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1025-1150 MHz, 10µs Pulse, 1% Duty
For Airborne DME Applications
!
!
!
!
!
!
!
!
!
!
!
!
!
The HVV1012-550 device is capable of withstanding an output load mismatch corresponding to a 20:1 VSWR at
rated output power and nominal operating voltage across the frequency band of operation.
!
!
!
!
!
!
Typical performance at 1025MHz with an input power of 12W.
!
!
!
"#$%&'! ()*)$+,+*!
-)'.+!
/01,!
-2""!
2*)103"&.*4+!-&',)5+!
67!
-!
-8""!
8),+3"&.*4+!-&',)5+!
39:;!9:!
-!
<2"=$)>?! 2*)10!@.**+0,!
A:!
B!
(29!
(&C+*!21DD1E),1&0!
7:::!
F!
(10!
<0E.,!(&C+*!
GH!
F!
I"!
",&*)5+!I+$E+*),.*+!
3A:!,&!
J97:!
K@!
IL!
L.04,1&0!I+$E+*),.*+!
G::!
K@!
!"#$%&'
()*)#+,+*'
-).'
/01,'
L@
G!
IM+*$)'!N+D1D,)04+!
:O:P!
K@QF!
"#$%&'! ()*)$+,+*! I+D,!@&0R1,1&0!
S)>!
/01,D!
TSIG!
T&)R!
S1D$),4M!
I&'+*)04+!
U!V!997:!SWX!
G:Y9!
-"FN!
"#$%&'!
()*)$+,+*!
@&0R1,1&0D!
S10!
I#E14
)'!
S)>!
/01,!
-ZN=2""?!
2*)103"&.*4+!Z*+)[R&C0!
-8"V:-;<2V7$B!
67!
9:G!
3!
-!
<2""!
2*)10!T+)[)5+!@.**+0,!
-8"V:-;-2"V7:-!
3!
9::!
A::!
\B!
<8""!
8),+!T+)[)5+!@.**+0,!
-8"V7-;-2"V:-!
3!
G!
9:!
\B!
8(G!
(&C+*!8)10!
UV9:G7;!997:SWX;!(10V9GF!
9]O7!
9^OP!
3!
RZ!
<NTG!
<0E.,!N+,.*0!T&DD!
UV9:G7;!997:SWX;!(10V9GF!
3!
39G!
3^!
RZ!
2
G!
2*)10!_``141+04#!
UV9:G7;!997:SWX;!(10V9GF!
AA!
AH!
3!
a!
(&.,!
(&C+*!&.,!
UV997:SWX;!(10V9GF!
3!
]A:!
3!
F!
-8"=b?P!
8),+!b.1+D4+0,!-&',)5+!
-22V7:-;<2bV9::$B!
9O:!
9OA!
9O^!
-!
-IW!
IM*+DM&'R!-&',)5+!
-22V7-;!<2VP::\B!
:O^!
9OG!
9O^!
-!
8(G!
(&C+*!8)10!
UV9:G7SWX;!(10V9GF!
3!
9^!
3!
RZ!
<NTG!
<0E.,!N+,.*0!T&DD!
UV9:G7SWX;!(10V9GF!
3!
399!
3!
RZ!
2
G!
2*)10!_``141+04#!
UV9:G7SWX;!(10V9GF!
3!
7A!
3!
a!
(&.,!
(&C+*!&.,!
UV9:G7SWX;!(10V9GF!
3!
]A:!
3!
F!
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING (IEC 134)
THERMAL/RUGGEDNESS PERFORMANCE


Similar Part No. - FXT000116

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
More results

Similar Description - FXT000116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com