Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ5203SE Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MCZ5203SE
Description  Current Resonant Mode Controller for Bridge Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MCZ5203SE Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MCZ5203SE Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MCZ5203SE Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 4 -
Confidential
1
General description
MCZ5203 is an advanced symmetric LLC current resonant mode controller for bridge converter.
Bulit-in high voltage direct gate drivers, control circuit and optimized protections allow
simplified and space/cost-saving design of power supplies for :
 Large screen flat panel TVs (PDP / LCD ) PSU
 Laser printer PSU
 High power adapters
1.1 Features
1.
Robust 600V gate driver directly drives high side Switch.
2.
Optimized gate drive capability minimizes the number of components for gate drive circuit.
3.
Optimized protective functions (OCP/burst/Timer delayed latch/Thermal) for LLC converter
4.
Advanced ZVS boundary chaser (capacitive mode protection) eliminates below resonant
(capacitive di/dt) operation.
5.
OCP operates by detecting peak primary current with 0.345V / threshold.
6.
Vcc supplies up to 35V with 13.5V/8.4V UVLO
7.
Built-in voltage regulator of 10V for gate driver
8.
Independent high side / low side Gate driver UVLO with hysterisis
9.
Adjustable soft starting function
10. Anti-di/dt startup function eliminates improper startup of Non ZVS operation
11. Optimized brown out protection
1.2 Block diagram (SOP22)


Similar Part No. - MCZ5203SE

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ5205SE SHINDENGEN-MCZ5205SE Datasheet
980Kb / 30P
   Transition Mode PFC High Performance Symmetric LLC Controller
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results

Similar Description - MCZ5203SE

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A_14 Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
List of Unclassifed Man...
KA5Q0765RTHYDTU ETC2-KA5Q0765RTHYDTU Datasheet
421Kb / 12P
   Quasi Resonant Converter Controller, Internal Burst Mode Controller for Stand-by Mode
logo
ON Semiconductor
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com