Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTC4106X0010B2TE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CTC4106X0010B2TE3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC4106X0010B2TE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  CTC4106X0010B2TE3 Datasheet HTML 1Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 2Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 3Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 4Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 5Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 6Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 7Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 8Page - Vishay Siliconix CTC4106X0010B2TE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
793DX-CTC3-CTC4
www.vishay.com
Vishay Sprague
Revision: 09-Dec-16
3
Document Number: 40112
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz (
)
IMPEDANCE (Z)
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
3.3
A
793DX335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC3335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC4335(1)004A(2)
0.5
6
7.6
9.0
0.10
10
B
793DX106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC3106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC4106(1)004B(2)
0.5
6
3.5
4.5
0.12
33
C
793DX336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC3336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC4336(1)004C(2)
1.3
6
1.8
2.4
0.25
68
D
793DX686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC3686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC4686(1)004D(2)
2.7
6
0.8
1.3
0.43
100
D
793DX107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC3107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC4107(1)004D(2)
4.0
6
0.7
1.0
0.46
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
2.2
A
793DX225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC3225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC4225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
6.8
B
793DX685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC3685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC4685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
22
C
793DX226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC3226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC4226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
47
D
793DX476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC3476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC4476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
68
D
793DX686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC3686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC4686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
10 VDC AT +85 °C; 7 VDC AT +125 °C
1.5
A
793DX155(1)010A(2)
0.5
6
8.0
10.5
0.10
1.5
A
CTC3155(1)010A(2)
0.5
6
8.0
10.5
0.10
1.5
A
CTC4155(1)010A(2)
0.5
6
8.0
10.5
0.10
4.7
B
793DX475(1)010B(2)
0.5
6
3.4
4.5
0.16
4.7
B
CTC3475(1)010B(2)
0.5
6
3.4
4.5
0.16
4.7
B
CTC4475(1)010B(2)
0.5
6
3.4
4.5
0.16
15
C
793DX156(1)010C(2)
1.5
6
1.8
2.5
0.25
15
C
CTC3156(1)010C(2)
1.5
6
1.8
2.5
0.25
15
C
CTC4156(1)010C(2)
1.5
6
1.8
2.5
0.25
33
D
793DX336(1)010D(2)
3.3
6
0.8
1.3
0.43
33
D
CTC3336(1)010D(2)
3.3
6
0.8
1.3
0.43
33
D
CTC4336(1)010D(2)
3.3
6
0.8
1.3
0.43
47
D
793DX476(1)010D(2)
4.7
6
0.7
1.0
0.46
47
D
CTC3476(1)010D(2)
4.7
6
0.7
1.0
0.46
47
D
CTC4476(1)010D(2)
4.7
6
0.7
1.0
0.46
Note
• Part number definitions:
(1) Tolerance: X0, X9
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W


Similar Part No. - CTC4106X0010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CTC4106X0010B2TE3 VISHAY-CTC4106X0010B2TE3 Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
More results

Similar Description - CTC4106X0010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
DLA95158 VISHAY-DLA95158 Datasheet
532Kb / 14P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, DLA Approved, Low ESR
Revision: 12-May-16
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
293D VISHAY-293D_V01 Datasheet
511Kb / 24P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
01-Jan-2022
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
293D VISHAY-293D_17 Datasheet
595Kb / 24P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
Revision: 02-Nov-17
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com