Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP385 Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. MKP385
Description  AC and Pulse Metallized Polypropylene Film Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP385_15 Datasheet HTML 4Page - Vishay Siliconix MKP385_15 Datasheet HTML 5Page - Vishay Siliconix MKP385_15 Datasheet HTML 6Page - Vishay Siliconix MKP385_15 Datasheet HTML 7Page - Vishay Siliconix MKP385_15 Datasheet HTML 8Page - Vishay Siliconix MKP385_15 Datasheet HTML 9Page - Vishay Siliconix MKP385_15 Datasheet HTML 10Page - Vishay Siliconix MKP385_15 Datasheet HTML 11Page - Vishay Siliconix MKP385_15 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MKP385
www.vishay.com
Vishay BCcomponents
Revision: 03-Jun-15
8
Document Number: 28174
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Max. RMS voltage as function of frequency (1250 V)
Max. RMS voltage as function of frequency (1600 V)
Max. RMS voltage as function of frequency (2000 V)
Max. RMS voltage as function of frequency (1250 V)
Max. RMS voltage as function of frequency (1600 V)
Max. RMS voltage as function of frequency (2000 V)
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 1250 VDC
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 1600 VDC
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 2000 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
4
10
6
10
7
10
5
85 °C < T
amb ≤ 110 °C, 1250 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
4
10
5
10
7
10
6
85 °C < T
amb ≤ 110 °C, 1600 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
4
10
5
10
7
10
6
85 °C < T
amb ≤ 110 °C, 2000 VDC


Similar Part No. - MKP385_15

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MKP385E14710AFI2B/T0 VISHAY-MKP385E14710AFI2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
MKP385E14710AFI2W0 VISHAY-MKP385E14710AFI2W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
MKP385E14710AFM2B/T0 VISHAY-MKP385E14710AFM2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
MKP385E14710AFM2W0 VISHAY-MKP385E14710AFM2W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
MKP385E14710AFM4W0 VISHAY-MKP385E14710AFM4W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
More results

Similar Description - MKP385_15

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz