Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74LVXT4052 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74LVXT4052
Description  Analog Multiplexer Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74LVXT4052 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 3
1
Publication Order Number:
MC74LVXT4052/D
MC74LVXT4052
Analog Multiplexer/
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVXT4052 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to VEE).
The LVXT4052 is similar in pinout to the high–speed HC4052A
and the metal–gate MC14052B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
TTL levels.
This device has been designed so the ON resistance (RON) is more
linear over input voltage than the RON of metal–gate CMOS analog
switches and High–Speed CMOS analog switches.
Select Pins Compatible with TTL Levels
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Analog Power Supply Range (V
CC – VEE) =
*3.0 V to )3.0 V
Digital (Control) Power Supply Range (V
CC – GND) = 2.5 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate,
HSL, or VHC Counterparts
Low Noise
Designed to Operate on a Single Supply with V
EE = GND, or Using
Split Supplies up to
$ 3.0 V
Break–Before–Make Circuitry
http://onsemi.com
SO–16
D SUFFIX
CASE 751B
TSSOP–16
DT SUFFIX
CASE 948F
SO EIAJ–16
M SUFFIX
CASE 966
1
8
9
16
1
8
16
9
18
LVXT4052
AWLYYWW
MARKING DIAGRAMS
LVXT
4052
AWLYWW
LVXT4052
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
ORDERING INFORMATION
Device
Package
Shipping
MC74LVXT4052D
SO–16
48 Units/Rail
MC74LVXT4052DR2
SO–16
2500 Units/Reel
MC74LVXT4052DT
TSSOP–16
96 Units/Rail
MC74LVXT4052DTR2
TSSOP–16
2500 Units/Reel
MC74LVXT4052M
SO EIAJ–16
48 Units/Rail
MC74LVXT4052MEL
SO EIAJ–16
2000 Units/Reel
9
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn