Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQF7059 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQF7059
Description  5 GHz WLAN Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQF7059 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQF7059 Datasheet HTML 1Page - TriQuint Semiconductor TQF7059 Datasheet HTML 2Page - TriQuint Semiconductor TQF7059 Datasheet HTML 3Page - TriQuint Semiconductor TQF7059 Datasheet HTML 4Page - TriQuint Semiconductor TQF7059 Datasheet HTML 5Page - TriQuint Semiconductor TQF7059 Datasheet HTML 6Page - TriQuint Semiconductor TQF7059 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
TQF7059
5 GHz WLAN Front End Module
Data Sheet, July 30, 2016 | Subject to change without notice
1 of 7
www.qorvo.com
16 Pad 3 x 3 x 0.85 mm QFN Package
Product Features
 Fully Integrated, 802.11a / n / ac Front-end Module
 Internally Matched Input / Output
 Integrated Power Detector
 Temperature Compensated Bias Network
 Typ. Pout=+21.5 dBm at EVM=1.8% (−35 dB)
802.11ac / MCS9 / VHT80 (+5 V)
 Typ. Pout=+23 dBm at EVM=3.0 % (−30 dB)
802.11n / MCS7 / HT40 (+5 V)
 Supply Voltage +3.3 V to +5 V
 Leadless 3 x 3 x 0.85 mm QFN Package
 Lead Free, RoHS Compliant
General Description
The TQF7059 is a fully integrated WLAN front-end module
(FEM) designed for 802.11ac applications. The TQF7059
contains a 5 GHz power amplifier, a power detector, a
front-end SPDT switch, and an LNA with bypass mode.
The architecture and interface are optimized to provide
outstanding stable performance across temperature and
voltage range for next generation, high throughput
802.11ac WLAN applications.
The TQF7059 FEM features CMOS compatible control
voltages to facilitate ease of use. With its integrated
compact design, the TQF7059 minimizes radio footprint
and component count while achieving industry leading
output power and EVM rivaling complex discrete high
power designs.
The TQF7059 is assembled in a Pb-Free, thin profile, 16
pad, 3 mm x 3 mm x 0.85 mm QFN package.
Functional Block Diagram
Ordering Information
Part No.
Description
TQF7059
2500 Pieces on a 7” reel (standard)
TQF7059-PCB
Assembled Evaluation Board
Applications
 802.11a / n / ac Wireless LAN Systems
 CPE (Set Top Box, routers, gateways)
 WiFi Access Points and Small Cells
 Telematics
 Gaming and Infotainment
 ISM applications 5 – 6 GHz
 


Similar Part No. - TQF7059

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQF7059 QORVO-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
TQF7059-PCB QORVO-TQF7059-PCB Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
More results

Similar Description - TQF7059

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85728-11 SKYWORKS-SKY85728-11 Datasheet
173Kb / 2P
   5 GHz WLAN Front-End Module
SKY85736-11 SKYWORKS-SKY85736-11 Datasheet
502Kb / 13P
   5 GHz WLAN Front-End Module
logo
Qorvo, Inc
TQF7059 QORVO-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY85712-21 SKYWORKS-SKY85712-21 Datasheet
595Kb / 12P
   5 GHz WLAN Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
   5 GHz WLAN Front-End Module
SKY85711-11 SKYWORKS-SKY85711-11 Datasheet
195Kb / 2P
   5 GHz WLAN Front-End Module
SKY85743-21 SKYWORKS-SKY85743-21 Datasheet
173Kb / 2P
   5 GHz High-Power WLAN Front-End Module
SKY85747-11 SKYWORKS-SKY85747-11 Datasheet
1Mb / 13P
   5 GHz High-Power WLAN Front-End Module
December 19, 2019
logo
NXP Semiconductors
WLAN7001C NXP-WLAN7001C Datasheet
226Kb / 22P
   WLAN 5 GHz Front-end IC
Rev. 3-7 September 2020
logo
Skyworks Solutions Inc.
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com