Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4251TR7 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # RFFM4251TR7
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFFM4251TR7 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  RFFM4251TR7 Datasheet HTML 1Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 2Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 3Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 4Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 5Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 6Page - TriQuint Semiconductor RFFM4251TR7 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RFFM4251
Wi-Fi Front End Module
- 2 of 7 -
Data Sheet 20161130 | Subject to change without notice
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
DC Supply Voltage
+6 V
DC Supply Current
600 mA
Storage Temperature
-40 to +150
 °C
TX RF Input Power into
50 Ω Load for
802.11b/g/n/ac (No Damage)
+10 dBm
RX LNA On RF Input Power (No Damage)
+10 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Frequency
2412
2484
MHz
Device Voltage (VCC)
+3.3
V
PA Enable Voltage
– High
+2.8
+3.1
VCC
V
PA Enable Voltage
– Low
+0
+0.2
V
TOPERATING
−10
+85
°C
Extended TOPERATING
−40
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Units
TRANSMIT (TX-ANT) MODE
Unless otherwise noted: VCC=3.3V, T=+25ºC, PA_EN=High, LNA_EN=Low, C_RX=Low,
C_BT=Low
11ac HT40 Output Power
MCS8 256QAM
17
18
dBm
-36
-35
dB
11n HT20/40 Output Power
MCS7 64QAM
18
19
dBm
Dynamic EVM
-32
-30.5
dB
Margin to HT20/40 Spectral Mask
POUT = +20 dBm, 11n MCS7
2
0
dBc
Margin to 802.11b Spectral Mask
POUT = +23 dBm, DSSS 1MBps
0
dBc
Gain
27
29
dB
Gain Variation
T = -10 to +85 °C
-3
+2
dB
Out of Band Gain
f = 1206-1242MHz
-3
0
dB
f = 3618-3726MHz
-3
0
dB
TX Port Return Loss
7
10
dB
ANT Port Return Loss
10
15
dB
Quiescent Current
RF Off
150
mA
Operating Current
POUT = +18 dBm
210
250
mA
POUT = +23 dBm
290
350
mA
2nd Harmonics
POUT = +23 dBm 802.11b DSSS 1MBps
-25
-20
dBm/MHz
3rd Harmonics
POUT = +23 dBm 802.11b DSSS 1MBps
-35
-25
dBm/MHz
ANT-RX Isolation
40
dB
DC Power Detect Voltage
RF Off
0.12
V
POUT = +18 dBm
0.56
V
POUT = +23 dBm
0.90
V


Similar Part No. - RFFM4251TR7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252PCK-410 TRIQUINT-RFFM4252PCK-410 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4252PCK-410 QORVO-RFFM4252PCK-410 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252SB TRIQUINT-RFFM4252SB Datasheet
552Kb / 7P
   Wi-Fi Front End Module
More results

Similar Description - RFFM4251TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
QPF8248 TRIQUINT-QPF8248 Datasheet
542Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com