Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4251SQ Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # RFFM4251SQ
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFFM4251SQ Datasheet(HTML) 5 Page - TriQuint Semiconductor

  RFFM4251SQ Datasheet HTML 1Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 2Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 3Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 4Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 5Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 6Page - TriQuint Semiconductor RFFM4251SQ Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RFFM4251
Wi-Fi Front End Module
- 5 of 7 -
Data Sheet 20161130 | Subject to change without notice
www.qorvo.com
®
Pin Configuration and Description
Top View
Pad No.
Label
Description
1
PDET
DC power detector. Provides an output voltage proportional to the RF output power level.
2
NC
No electrical connection. Recommend to connect to ground but it may be left floating.
3
VCC
2nd stage supply voltage.
4
VCC
1st stage supply voltage.
5
TX
RF input. Internally matched to 50 Ω and DC blocked.
6
PA_EN
Input enable bias voltage (Regulated internally)
7
NC
No electrical connection. Recommend to connect to ground but it may be left floating.
8
RX
RF output from the low noise amplifier. Internally matched to 50
Ω and DC blocked.
9
LNA_EN
LNA control voltage.
10
VDD
Supply voltage for LNA and regulator
11
BT
RF bi-directional port. Internally matched to 50
Ω and DC blocked.
12
GND
Ground connection.
13
C_BT
Transmit-receive control voltage.
14
C_RX
Switch control voltage.
15
GND
Ground connection.
16
ANT
RF bi-directional antenna port. Internally matched to 50
Ω and DC blocked.
Backside Paddle
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See
PCB Mounting Pattern for suggested footprint.
16
15
14
13
PDET
NC
VCC
VCC
TX
PA_EN
NC
RX
LNA_EN
VCC
BT
NC
ANT
NC
C_RX
C_BT
9
10
11
12
4
3
2
1
5
6
7
8


Similar Part No. - RFFM4251SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252PCK-410 TRIQUINT-RFFM4252PCK-410 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4252PCK-410 QORVO-RFFM4252PCK-410 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252SB TRIQUINT-RFFM4252SB Datasheet
552Kb / 7P
   Wi-Fi Front End Module
More results

Similar Description - RFFM4251SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
QPF8248 TRIQUINT-QPF8248 Datasheet
542Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com