Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB225KKW015C-1JD Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225KKW015C-1JD
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225KKW015C-1JD Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB225KKW015C-1JD Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKW015C-1JD Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D97
D
www.nkkswitches.com
BRIGHT LED & CAPS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires an external power source. Polarity marks are on the bottom of the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
The LED is an integral part of the switch and not available separately.
JB
JC
JD
JF
1
B
JB
JC
JD
JF
C
D
F
Material: Polycarbonate
Finish: Glossy
2
3
AT3075
Beveled
Clear/White
Clear/Amber
Clear/Red
Clear/Green
Clear/White
Clear/Amber
Clear/Green
Clear/Red
White
Amber
Green
Red
Clear Lens
Translucent
Colored Diffuser
Translucent
Colored Cap
Clear Lens
Translucent
Colored Diffuser
Lens/Diffuser Colors Available:
Cap Colors Available:
Lens/Diffuser Colors Available:
(5.6)
.220
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
(6.1)
.240
(15.0) Sq
.591
AT3074
Sculptured
AT3076
Flat
(+)
(-)
Bright Single Color LED with 1 element
Electrical Specifications for Bright LED
Color
Red
Amber
Green
Unit
Maximum Forward Current
I
FM
30
30
25
mA
Typical Forward Current
I
F
20
20
20
mA
Forward Voltage
V
F
1.85
2.0
2.1
V
Maximum Reverse Voltage
V
RM
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.42
0.46
mA/°C
Ambient Temperature Range
–25° ~ +50°
°C
5C
5D
5F
Caps for Bright LED


Similar Part No. - UB225KKW015C-1JD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225KKW015C-1JB NKK-UB225KKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB225KKW015C-1JC NKK-UB225KKW015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB225KKW015C-1JD

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com