Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE500 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P6KE500
Description  600 Watts Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P6KE500 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P6KE500 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE500 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE500 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE500 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE500 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES (P6KE SERIES)
FIG.5- TYPICAL JUNCTION CAPACITANCE
(UNIDIRECTIONAL)
V( ), BREAKDOWN VOLTAGE. VOLTS
BR
VR=0
Tj =25 C
f = 1.0MHz
Vsig = 50 mVp-p
O
MEASURED at
STAND-OFF
VOLTAGE, VWM
1
10
100
200
10
100
1000
6000
FIG.1- PEAK PULSE POWER RATING CURVE
tp, PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1
10
100
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T = 25 C
J
O
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
25
50
75
100
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8
10
20
40
60
80
100
10
50
100
200
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
t, TIME, ms
0
1.0
2.0
3.0
4.0
0
50
100
150
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
Half Value - I
PPM
2
10/1000 usec. WAVEFORM
as DEFINED by R.E.A.
tr = 10 sec
Peak Value
IPPM
td
4.0 X 4.0 X .040"
(10 X10 X 1mm.)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
With heat sink
Without heat sink
PULSE
P6KE SERIES
600 Watts Transient Voltage Suppressor Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - P6KE500

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE500 LUGUANG-P6KE500 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
P6KE500 SOCAY-P6KE500 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
P6KE500 LUGUANG-P6KE500 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
P6KE500 LUGUANG-P6KE500 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
P6KE500 SOCAY-P6KE500 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE500

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com