Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3873 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX3873
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3873 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
2.0
2.3
2.2
2.1
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
0
50
100
PULLIN RANGE (RATESET = 0)
AMBIENT TEMPERATURE (°C)
10-2
10-3
10-4
10-5
10-6
10-7
BIT ERROR RATIO
vs. INPUT AMPLITUDE
INPUT VOLTAGE (mVp-p)
012345
10-8
10-9
10-10
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.05
0.10
0.15
0.20
JITTER TOLERANCE vs. INPUT
DETERMINISTIC JITTER
DETERMINISTIC JITTER (UIP-P)
fJITTER = 1MHz
fJITTER = 10MHz
PRBS = 223 - 1
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0.9
0.8
1.0
-40
-20
-10
-30
0
10
20
30
40
JITTER TOLERANCE vs. PULSE-WIDTH
DISTORTION
INPUT PULSE-WIDTH DISTORTION (%)
PRBS = 223 - 1
fJITTER = 1MHz
fJITTER = 10MHz
INPUT DATA FILTERED BY
1870MHz 4TH-ORDER
BESSEL FILTER
PIN
NAME
FUNCTION
1
RATESET
Input Rate Select. Connect to TTL low for 2.488Gbps data and to TTL high for 2.67Gbps data.
2, 5, 6
VCC
3.3V Supply Voltage
3
SDI+
Positive Serial Data Input
4
SDI-
Negative Serial Data Input
7
FASTRACK
PLL Fast Track Control, TTL Input. When FASTRACK is TTL high, the PLL is switched to a fast-
track mode for fast phase acquisition. When FASTRACK is TTL low, the PLL operates normally.
8
VCC_VCO
3.3V VCO Supply Voltage
9
MODE
Output Amplitude Mode Select. MODE = OPEN sets the CML output amplitude to high; MODE =
high sets the output amplitude to medium; MODE = low sets the output amplitude to low.
Pin Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn