Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVR040S-1 Datasheet(PDF) 1 Page - Littelfuse

Part # LVR040S-1
Description  PolySwitch PTC Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR040S-1 Datasheet(HTML) 1 Page - Littelfuse

  LVR040S-1 Datasheet HTML 1Page - Littelfuse LVR040S-1 Datasheet HTML 2Page - Littelfuse LVR040S-1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR040S-1
DOCUMENT: SCD25285
REV LETTER: I
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 3
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Electrical Rating at 20°C
Rated Operating Voltage/ Interrupt Current:
240 VAC /5.5 ARMS
240 VDC /5.5 A DC
135 VAC/20.0 ARMS
135 VDC/20.0 A DC
Max Interrupt Voltage: 265 VAC/DC
5.5 ARMS
Insulating Material :
Cured, Flame Retardant Epoxy Polymer
Lead Material:
22 AWG Sn Plated
Copper
Marking:
Manufacturer’s Mark
and Voltage
Lot Identification
Part Identification
L040
(can be on back)
240
3
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
11.5
--
19.5
4.3
5.8
25.4
--
--
3.8
in*:
--
(0.46)
--
(0.77)
(0.17)
(0.23)
(1.00)
--
--
(0.15)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD
RATED
CURRENT
CURRENT RATINGS
TIME TO TRIP
RESISTANCE
POST-TRIP
RESISTANCE
STANDARD
TRIP
NOMINAL
TRIPPED
POWER
DISSIPATION
@ 265 V RMS
AMPS AT
20oC
HOLD
AMPS
AT 20oC
SECONDS AT
20oC, 2.0A
MAX
OHMS
AT 20oC
OHMS
AT 20oC
MAX
WATTS
AT 20oC
HOLD
TRIP
MIN
MAX
0.40
0.40
0.90
24.0
0.6
0.97
1.90
2.0
Recognitions:
UL, TUV, CSA, CQC
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Warning:
Refer to Page 2 of this document for application limitations.


Similar Part No. - LVR040S-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR040S-2 MACOM-LVR040S-2 Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040S-2 MACOM-LVR040S-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LVR040S-2 MACOM-LVR040S-2 Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
More results

Similar Description - LVR040S-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com