Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BGB-BL12 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH28F800BGB-BL12
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BGB-BL12 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH28F800BGB-BL12 Datasheet HTML 5Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 6Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 7Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 8Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 9Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 10Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 11Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 12Page - Sharp Corporation LH28F800BGB-BL12 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
- 9 -
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
device selection control, and when active enables
the selected memory device. OE# is the data
output (DQ0-DQ15) control and when active drives
the selected memory data onto the I/O bus. WE#
must be at VIH and RP# must be at VIH or VHH.
Fig. 11 illustrates read cycle.
3.2
Output Disable
With OE# at a logic-high level (VIH), the device
outputs are disabled. Output pins (DQ0-DQ15) are
placed in a high-impedance state.
3.3
Standby
CE# at a logic-high level (VIH) places the device in
standby mode which substantially reduces device
power consumption. DQ0-DQ15 outputs are placed
in a high-impedance state independent of OE#. If
deselected during block erase or word write, the
device continues functioning, and consuming active
power until the operation completes.
3.4
Deep Power-Down
RP# at VIL initiates the deep power-down mode.
In read modes, RP#-low deselects the memory,
places output drivers in a high-impedance state and
turns off all internal circuits. RP# must be held low
for a minimum of 100 ns. Time tPHQV is required
after return from power-down until initial memory
access outputs are valid. After this wake-up
interval, normal operation is restored. The CUI is
reset to read array mode and status register is set
to 80H.
During block erase or word write modes, RP#-low
will abort the operation. RY/BY# remains low until
the reset operation is complete. Memory contents
being altered are no longer valid; the data may be
partially erased or written. Time tPHWL is required
after RP# goes to logic-high (VIH) before another
command can be written.
As with any automated device, it is important to
assert RP# during system reset. When the system
comes out of reset, it expects to read from the flash
memory. Automated flash memories provide status
information when accessed during block erase or
word write modes. If a CPU reset occurs with no
flash memory reset, proper CPU initialization may
not occur because the flash memory may be
providing status information instead of array data.
SHARP’s flash memories allow proper CPU
initialization following a system reset through the
use of the RP# input. In this application, RP# is
controlled by the same RESET# signal that resets
the system CPU.
3.5
Read Identifier Codes Operation
The read identifier codes operation outputs the
manufacture code and device code (see Fig. 2).
Using the manufacture and device codes, the
system CPU can automatically match the device
with its proper algorithms.
Fig. 2
Device Identifier Code Memory Map
3.6
Write
Writing commands to the CUI enable reading of
device data and identifier codes. They also control
inspection and clearing of the status register. When
VCC = VCC1/2/3/4 and VPP = VPPH1/2/3, the CUI
additionally controls block erasure and word write.
The Block Erase command requires appropriate
command data and an address within the block to
be erased. The Word Write command requires the
command and address of the location to be written.
7FFFF
00002
00001
00000
Reserved for
Future Implementation
Device Code
Manufacture Code


Similar Part No. - LH28F800BGB-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGBBL12 SHARP-LH28F800BGBBL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGBBL85 SHARP-LH28F800BGBBL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGBTL12 SHARP-LH28F800BGBTL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGBTL85 SHARP-LH28F800BGBTL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BGB-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com