Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3421EUF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3421EUF
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421EUF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3421EUF Datasheet HTML 2Page - Linear Technology LTC3421EUF Datasheet HTML 3Page - Linear Technology LTC3421EUF Datasheet HTML 4Page - Linear Technology LTC3421EUF Datasheet HTML 5Page - Linear Technology LTC3421EUF Datasheet HTML 6Page - Linear Technology LTC3421EUF Datasheet HTML 7Page - Linear Technology LTC3421EUF Datasheet HTML 8Page - Linear Technology LTC3421EUF Datasheet HTML 9Page - Linear Technology LTC3421EUF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3421
6
3421f
PI FU CTIO S
RT (Pin 5): Connect a resistor to ground to program the
oscillator frequency according to the formula:
f
R
OSC
T
=
28 100
,
where fOSC is in kHz and RT is in kΩ.
SS (Pin 6): Soft-Start Pin. Connect a capacitor from this
pin to ground to set the soft-start time according to the
formula:
t(ms) = CSS(µF) • 320
The nominal soft-start charging current is 2.5
µA. The
active range of SS is from 0.8V to 1.6V.
SYNC (Pin 7): Oscillator Synchronization Pin. A clock
pulse width of 100ns to 2
µs is required to synchronize the
internal oscillator. If not used SYNC should be grounded.
ILIM (Pin 8): Current Limit Adjust Pin. Connect a resistor
from this pin to ground to set the peak current limit thresh-
old for the N-channel MOSFET according to the formula
(note that this is the peak current in the inductor):
I
R
LIM =
150
where I is in amps and R is in k
Ω.
BURST (Pin 9): Burst Mode Threshold Adjust Pin. A
resistor/capacitor combination from this pin to ground
programs the average load current at which automatic
Burst Mode operation is entered, according to the formula:
R
I
BURST
BURST
=
2
where RBURST is in kΩ and IBURST is in amps.
C
CV
BURST
OUT
OUT
,
10 000
where CBURST(MIN) and COUT are in µF.
For manual control of Burst Mode operation, ground the
BURST pin to force Burst Mode operation or connect it to
VOUT to force fixed frequency PWM mode. Note that the
BURST pin must not be pulled higher than VOUT.
GND (Pin 10): Signal Ground Pin. Connect to ground plane
near the RT resistor, error amp compensation compo-
nents and feedback divider.
PGND (Pins 11 to 13): Source Terminal of Power Internal
N-Channel MOSFET.
SW (Pins 14 to 16): Switch Pin for Inductor Connection.
For applications where VOUT > 4.3V, a Schottky diode from
SW to VOUT or to a snubber circuit is required to maintain
absolute maximum rating for SW. (see Application Cir-
cuits for 5V).
VOUT (Pins 17, 19 and 20): The output of the synchronous
rectifier and bootstrapped power source for the IC. A
ceramic bypass capacitor is required to be very close to
the VOUT and PGND pins of the IC.
VOUTS (Pin 18): VOUT Sense Pin. Connect VOUTS directly to
an output filter capacitor. The top of the feedback divider
network should also be tied to this point.
VIN (Pin 21): Input Supply Pin. Connect this pin to the
input supply and decouple with at least a 4.7
µF ceramic
capacitor.
LBO (Pin 22): Open-Drain Output. This pin pulls low when
the LBI input is below 0.6V. The open-drain output can
sink up to 20mA. During Burst Mode operation LBO is only
active during the time the IC wakes up to service the
output.
LBI (Pin 23): Low-Battery Comparator Input. Typical
threshold voltage is 0.6V with 30mV hysteresis. This
function is enabled when the ENB pin is high. The low-
battery comparator will operate off VIN or VOUT, whichever
is greater.
VC (Pin 24): Error Amp Output. A frequency compensation
network is connected from this pin to ground to compen-
sate the loop. See the section Compensating the Feedback
Loop for guidelines.
Exposed Pad (Pin 25): Ground. This pin must be soldered
to the PCB and is typically connected through the power
GND plane.


Similar Part No. - LTC3421EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LTC3421EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com