Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX718N500120W Datasheet(PDF) 1 Page - Visual Communications Company

Part # CNX718N500120W
Description  dome-shaped clear lens
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX718N500120W Datasheet(HTML) 1 Page - Visual Communications Company

  CNX718N500120W Datasheet HTML 1Page - Visual Communications Company CNX718N500120W Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
the first call for illuminated components
www.vcclite.com
1.800.522.5546
12/16 Rev 3
CNX718 Series 11/16” LED
Panel Mount Indicator
CATHODE SIDE (-) BODY MARKED WITH
A " "
Key Features
Dimensions
CNX718 Series features a high intensity LED
with a wide viewing angle
• dome-shaped clear lens
• front panel mount
• 180°viewing angle
• .187” tab terminals
• 6” wire leads
• RoHS compliant
available in 4 voltage configurations
Ordering Data
00
CNX718N
Voltage
input voltage
05
5VDC
12
12VDC
28
28VDC
120
120VAC
Lens Color
N
clear
Termination Style
termination style
T
tab terminals
W
wire leads
LED Color
color
typ intensity,
mcd
200
red
2800
400
amber
2800
500
green
6000
900
white
4900
Indicator Assembly
(wire leads)
11/16-27UNS-2A
PLASTIC WASHER
LOCKWASHER -
ZINC PLATED STEEL
NYLON HEXNUT
.25 [6.4]
1.93 [49.0]
6.00 [152.4] min.
.50 [12.7] nom.
18 AWG STRANDED
UL1015 INSULATION
BLACK (–)
RED (+)
.62 [15.8]
Indicator Assembly
(tab terminals)
2.02 [51.3]
.31 [7.8]
2X FASTON TAB
.187 SERIES
Dimensions in inches [mm]


Similar Part No. - CNX718N500120W

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX714 VCC-CNX714 Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C200120W VCC-CNX714C200120W Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C200FVW VCC-CNX714C200FVW Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C400120W VCC-CNX714C400120W Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C400FVW VCC-CNX714C400FVW Datasheet
215Kb / 3P
   Variety of connection options for fast
More results

Similar Description - CNX718N500120W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LS-K376 OSRAM-LS-K376 Datasheet
107Kb / 9P
   colorless, clear 3 mm (T1) package with specially shaped lens
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
   Dome-Lens Type
logo
PARA LIGHT ELECTRONICS ...
L-C195KGJYCT PARALIGHT-L-C195KGJYCT Datasheet
209Kb / 7P
   Dome Lens Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
   Dome Lens SMD LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com