Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX718N200120W Datasheet(PDF) 2 Page - Visual Communications Company

Part # CNX718N200120W
Description  dome-shaped clear lens
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX718N200120W Datasheet(HTML) 2 Page - Visual Communications Company

  CNX718N200120W Datasheet HTML 1Page - Visual Communications Company CNX718N200120W Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
the first call for illuminated components
www.vcclite.com
1.800.522.5546
12/16 Rev 3
Product Specifications
Compliances and Approvals
Output Color
At Ambient Temperature Ta = 25°C
Luminous Intensity Typ. (mcd) @ If=20mA
Red
Amber
White
Green
10.7
2800
446
2800
6000
4900
Typ. Forward Current (mA) @Vf=5VDC
Max. Forward Current (mA) @Vf=5VDC
446
226
226
Typ. Forward Current (mA) @V
f=28VDC
Typ. Forward Current (mA) @Vf=120VAC
18.5 ~ 20.5
9.3 ~ 9.8
9.3 ~ 9.8
4.8 ~ 5.2
4.8 ~ 5.2
18.5 ~ 20.5
14.0 ~ 15.2
14.0 ~ 15.2
Max. Forward Current (mA) @V
f=28VDC
22.5
56 ~ 69
56 ~ 69
23 ~ 34
23 ~ 34
Max. Forward Current (mA) @Vf=120VAC
81.0
81.0
41.0
41.0
10.7
5.6
5.6
22.5
16.5
16.5
Dominant Wavelength (nm)
Peak Wavelenght (nm)
Power Dissipation (mW) @Vf=5VDC
634
592
520
629
590
525
-
Power Dissipation (mW) @Vf=28VDC
Storage Temperature (°C)
Operating Temperature (°C)
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-30 to +60
-30 to +60
-30 to +60
-30 to +60
675
675
495
495
Power Dissipation (mW) @Vf=120VAC
1391
1391
728
728
-
Reverse Breakdown @Ir=100mA/*Ir=50mA (V) [Vf=5VDC]
Reverse Breakdown @Ir=100mA/*Ir=50mA (V) [Vf=28VDC]
Reverse Breakdown @Ir=100mA/*Ir=50mA (V) [Vf=120VAC]
270
270
*260
*260
20
20
*10
*10
5
5
*5
*5
Lens is water clear with a fresnel pattern
The Red and Amber LEDs are made from AlGaInP and Green and White LEDs are made from
GaInN.
GaInN LEDs are class 1 ESD Sensitive (MIL-STD-1686). Use appropriate ESD precautions during
handling and operation.


Similar Part No. - CNX718N200120W

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX714 VCC-CNX714 Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C200120W VCC-CNX714C200120W Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C200FVW VCC-CNX714C200FVW Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C400120W VCC-CNX714C400120W Datasheet
215Kb / 3P
   Variety of connection options for fast
CNX714C400FVW VCC-CNX714C400FVW Datasheet
215Kb / 3P
   Variety of connection options for fast
More results

Similar Description - CNX718N200120W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
LS-K376 OSRAM-LS-K376 Datasheet
107Kb / 9P
   colorless, clear 3 mm (T1) package with specially shaped lens
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
   Dome-Lens Type
logo
PARA LIGHT ELECTRONICS ...
L-C195KGJYCT PARALIGHT-L-C195KGJYCT Datasheet
209Kb / 7P
   Dome Lens Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
   Dome Lens SMD LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com