Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BGR-BL12 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH28F800BGR-BL12
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BGR-BL12 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH28F800BGR-BL12 Datasheet HTML 7Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 8Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 9Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 10Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 11Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 12Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 13Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 14Page - Sharp Corporation LH28F800BGR-BL12 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
- 11 -
COMMAND
BUS CYCLES
NOTE
FIRST BUS CYCLE
SECOND BUS CYCLE
REQ
D.
Oper (NOTE 1) Addr (NOTE 2) Data (NOTE 3) Oper (NOTE 1) Addr (NOTE 2) Data (NOTE 3)
Read Array/Reset
1
Write
X
FFH
Read Identifier Codes
≥ 2
4
Write
X
90H
Read
IA
ID
Read Status Register
2
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Block Erase
2
5
Write
BA
20H
Write
BA
D0H
Word Write
2
5, 6
Write
WA
40H or 10H
Write
WA
WD
Block Erase and
1
5
Write
X
B0H
Word Write Suspend
Block Erase and
1
5
Write
X
D0H
Word Write Resume
Table 3
Command Definitions (NOTE 7)
NOTES :
1.
Bus operations are defined in Table 2.
2.
X = Any valid address within the device.
IA = Identifier code address : see Fig. 2.
BA = Address within the block being erased.
WA = Address of memory location to be written.
3.
SRD = Data read from status register. See Table 6 for a
description of the status register bits.
WD = Data to be written at location WA. Data is latched
on the rising edge of WE# or CE# (whichever
goes high first).
ID = Data read from identifier codes.
4.
Following the Read Identifier Codes command, read
operations access manufacture and device codes. See
Section 4.2 for read identifier code data.
5.
If the block is boot block, WP# must be at VIH or RP#
must be at VHH to enable block erase or word write
operations. Attempts to issue a block erase or word write
to a boot block while WP# is VIH or RP# is VIH.
6.
Either 40H or 10H is recognized by the WSM as the
word write setup.
7.
Commands other than those shown above are reserved
by SHARP for future device implementations and should
not be used.


Similar Part No. - LH28F800BGR-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGRBL12 SHARP-LH28F800BGRBL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGRBL85 SHARP-LH28F800BGRBL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGRTL12 SHARP-LH28F800BGRTL12 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGRTL85 SHARP-LH28F800BGRTL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BGR-BL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com