Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX714C900120W Datasheet(PDF) 2 Page - Visual Communications Company

Part # CNX714C900120W
Description  Variety of connection options for fast
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX714C900120W Datasheet(HTML) 2 Page - Visual Communications Company

  CNX714C900120W Datasheet HTML 1Page - Visual Communications Company CNX714C900120W Datasheet HTML 2Page - Visual Communications Company CNX714C900120W Datasheet HTML 3Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The CNX714 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, select one option from each column.
Termination Style
LED Color
Voltage
CNX714C
Red
Yellow
White
Blue
Green
200
401
500
600
900
FV
120
5-28VDC
120VAC
CNX714C:
Colored Body
400*
Soft Yellow
Wire Leads
Example:
CNX714C600120W
Blue
120VAC
Wire Leads
* Not Available for the 120VAC Version
W
W
Recommended Mounting Hole
0.551
[14.00]
All Dimensions in inches [mm]
Tolerances are: +0.01 inches [+ 0.25 mm] unless otherwise specified
2
your first call for illuminated components
www.vcclite.com
1.800.522.5546
08/17 Rev 3
Ordering Data
Product Dimensions
6.00 + .25
.65
Ø.67
[17.00]
[152.40 + 6.35]
[16.51]
1.00
[25.40]


Similar Part No. - CNX714C900120W

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
   dome-shaped clear lens
CNX718N20005T VCC-CNX718N20005T Datasheet
164Kb / 2P
   dome-shaped clear lens
CNX718N20005W VCC-CNX718N20005W Datasheet
164Kb / 2P
   dome-shaped clear lens
CNX718N200120T VCC-CNX718N200120T Datasheet
164Kb / 2P
   dome-shaped clear lens
CNX718N200120W VCC-CNX718N200120W Datasheet
164Kb / 2P
   dome-shaped clear lens
More results

Similar Description - CNX714C900120W

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
   Variety of connection technologies
2908773 PHOENIX-2908773 Datasheet
48Kb / 2P
   Wide range of options for external conductor connection
2959683 PHOENIX-2959683 Datasheet
59Kb / 3P
   Wide range of options for external conductor connection
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Advanced Thermal Soluti...
ATS043045010-PF032 ATS-ATS043045010-PF032_17 Datasheet
240Kb / 1P
   Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045016-PF033 ATS-ATS043045016-PF033_17 Datasheet
240Kb / 1P
   Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045005-PF029 ATS-ATS043045005-PF029_17 Datasheet
240Kb / 1P
   Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045006-PF030 ATS-ATS043045006-PF030_17 Datasheet
240Kb / 1P
   Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
ATS043045009-PF031 ATS-ATS043045009-PF031_17 Datasheet
240Kb / 1P
   Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Rev - 040517
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com