Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L63DG2L Datasheet(PDF) 4 Page - Visual Communications Company

Part # L63DG2L
Description  Front panel mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

L63DG2L Datasheet(HTML) 4 Page - Visual Communications Company

  L63DG2L Datasheet HTML 1Page - Visual Communications Company L63DG2L Datasheet HTML 2Page - Visual Communications Company L63DG2L Datasheet HTML 3Page - Visual Communications Company L63DG2L Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
05/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
4
Materials
Body
Base
Brass, Chromium Plated
Phenolic
UL 94 V-1
Installation Specifications
Mounting
Hole
Straight
Leads
Terminals
0.244”
(6.2 mm)
Anode(+): 21.08” (0.83 mm)
Panel
Thickness
0.019” to 0.118”
(0.5 to 3.0 mm)
Temperature Specifications
Operating
Temperature
Storage
Temperature
-25oC to +80oC
-13oF to +176oF
5.9 lbf-in
(6.8 kgf-cm)
Mounting
Torque
Cathode(-): 19.05” (0.75 mm)
LED
Color
Green Diffused
Red Diffused
Yellow Diffused
VF(V)
2.8
min.
typ.
max.
3.2
3.6
1.8
2.1
2.5
1.8
2.0
2.45
IF(mA)
20
20
20
Viewing
angle
25
25
50
Wavelength
(nm)
568-573
30
60
30
LED Color
Green
Red
Yellow
630-635
590-595
-25oC to +85oC
-13oF to +185oF
Luminosity
(mcd)
Compliances and Approvals
Product Specifications


Similar Part No. - L63DG2L

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6301 HAMAMATSU-L6301 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6302 HAMAMATSU-L6302 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6303 HAMAMATSU-L6303 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6304 HAMAMATSU-L6304 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6305 HAMAMATSU-L6305 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
More results

Similar Description - L63DG2L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
   Sealed, Front Panel Mounting
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
   For front-panel mounting
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
   Sealed, Front Panel Mounting
logo
ODU GmbH & Co.KG
GABMFG-P41LCD9-0071 ODU-GABMFG-P41LCD9-0071 Datasheet
518Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GABMFG-P19LY19-0071 ODU-GABMFG-P19LY19-0071 Datasheet
467Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P22LFG0-0002 ODU-GXBMFG-P22LFG0-0002 Datasheet
438Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P04LTS0-0003 ODU-GXBMFG-P04LTS0-0003 Datasheet
419Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P18LJH0-0002 ODU-GXBMFG-P18LJH0-0002 Datasheet
439Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
logo
Festo Corporation.
10190 FESTO-10190 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SV-5-M5-B FESTO-SV-5-M5-B Datasheet
86Kb / 1P
   Front panel valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com