Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L63 Datasheet(PDF) 2 Page - Visual Communications Company

Part # L63
Description  Front panel mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

L63 Datasheet(HTML) 2 Page - Visual Communications Company

  L63 Datasheet HTML 1Page - Visual Communications Company L63 Datasheet HTML 2Page - Visual Communications Company L63 Datasheet HTML 3Page - Visual Communications Company L63 Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Accessories Ordering Data [order separately]
The Gasket O-ring SPC208 for the L63 Series is designed to seal many types of media, including
water, air, dust, and oil.
The panel gasket is intended to provide a seal between the panel and the L63 Panel Mount
Indicator.
Meets ASTM D2000 standard.
Material
Buna-N, Durometer A70, black
Installation Specification
Internal Diameter
0.208” (5.28 mm)
Thickness
0.07” (1.78 mm)
Operational Temperature
-20oF to +250oF
-28.9oC to +121.1oC
O-ring part number: SPC208
SECTION A-A
A
A
Ø.208
[5.28]
Dimensions in inches [mm]
Ø.348
[8.84]
.07
[1.78]
Panel
O-ring
L63
Washer
Hex
Nut
The L63 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, simply choose one option from each column.
05/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
2
Ordering Data
Series
LED
Size
Color
L
3mm LED
63
Red
Green
Yellow
luminous
intensity (Typ)
30 mcd
60 mcd
30 mcd
G2
R2
Y2
LED
Type Lens
Diffused
D
L
Straight
Leads
Diffused Green
L63DG2L
L63DR2L
L63DY2L
Diffused Red
Diffused Yellow
Termination
Style


Similar Part No. - L63

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6301 HAMAMATSU-L6301 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6302 HAMAMATSU-L6302 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6303 HAMAMATSU-L6303 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6304 HAMAMATSU-L6304 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6305 HAMAMATSU-L6305 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
More results

Similar Description - L63

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
   Sealed, Front Panel Mounting
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
   For front-panel mounting
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
   Sealed, Front Panel Mounting
logo
ODU GmbH & Co.KG
GABMFG-P41LCD9-0071 ODU-GABMFG-P41LCD9-0071 Datasheet
518Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GABMFG-P19LY19-0071 ODU-GABMFG-P19LY19-0071 Datasheet
467Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P22LFG0-0002 ODU-GXBMFG-P22LFG0-0002 Datasheet
438Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P04LTS0-0003 ODU-GXBMFG-P04LTS0-0003 Datasheet
419Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P18LJH0-0002 ODU-GXBMFG-P18LJH0-0002 Datasheet
439Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
logo
Festo Corporation.
10190 FESTO-10190 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SV-5-M5-B FESTO-SV-5-M5-B Datasheet
86Kb / 1P
   Front panel valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com