Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9218-105PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9218-105PCB
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218-105PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9218-105PCB Datasheet HTML 3Page - Analog Devices AD9218-105PCB Datasheet HTML 4Page - Analog Devices AD9218-105PCB Datasheet HTML 5Page - Analog Devices AD9218-105PCB Datasheet HTML 6Page - Analog Devices AD9218-105PCB Datasheet HTML 7Page - Analog Devices AD9218-105PCB Datasheet HTML 8Page - Analog Devices AD9218-105PCB Datasheet HTML 9Page - Analog Devices AD9218-105PCB Datasheet HTML 10Page - Analog Devices AD9218-105PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD9218
Rev. C | Page 6 of 28
SWITCHING SPECIFICATIONS
VDD = 3.0 V, V = 3.0 V; external reference, unless otherwise noted.
D
Table 4.
Test
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE INPUT PARAMETERS
Maximum Encode Rate
Full
VI
40/65
80/105
MSPS
Minimum Encode Rate
Full
IV
20/20
20/20
MSPS
Encode Pulse Width High (tEH)
Full
IV
7/6
5/3.8
ns
Encode Pulse Width Low (tEL)
Full
IV
7/6
5/3.8
ns
Aperture Delay (tA)
25°C
V
2
2
ns
Aperture Uncertainty (Jitter)
25°C
V
3
3
ps rms
DIGITAL OUTPUT PARAMETERS
Output Valid Time (tV)
Full
VI
2.5
2.5
ns
1
Output Propagation Delay (tPD)1
Full
VI
4.5
7
4.5
6
ns
Output Rise Time (tR)
25°C
V
1
1.0
ns
Output Fall Time (tF)
25°C
V
1.2
1.2
ns
Out-of-Range Recovery Time
25°C
V
5
5
ns
Transient Response Time
25°C
V
5
5
ns
Recovery Time from Power-Down
25°C
V
10
10
Cycles
Pipeline Delay
Full
IV
5
5
Cycles
1 t and t
V
PD
are measured from the 1.5 level of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is not to exceed
an ac load of 5 pF or a dc current of ±40 μA. Rise and fall times are measured from 10% to 90%.
TIMING DIAGRAMS
1/fS
tA
tEH
tEL
tPD
tV
SAMPLE N
ENCODE A
ENCODE B
D9A TO D0A
D9B TO D0B
AINA
AINB
DATA N – 5
DATA N – 4
DATA N – 3
DATA N – 2
DATA N – 1
DATA N
DATA N – 5
DATA N – 4
DATA N – 3
DATA N – 2
DATA N – 1
DATA N
SAMPLE
N + 1
SAMPLE
N + 5
SAMPLE
N + 6
SAMPLE
N + 2
SAMPLE
N + 3
SAMPLE
N + 4
Figure 2. Normal Operation, Same Clock (S1 = 1, S2 = 0) Channel Timing


Similar Part No. - AD9218-105PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218-105PCB AD-AD9218-105PCB Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9218-105PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com