Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9235BCPZRL7-20 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9235BCPZRL7-20
Description  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BCPZRL7-20 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9235BCPZRL7-20 Datasheet HTML 3Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 4Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 5Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 6Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 7Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 8Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 9Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 10Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AD9235
Data Sheet
Rev. D | Page 6 of 40
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
fINPUT = 2.4 MHz
25°C
V
92.0
92.0
92.0
dBc
fINPUT = 9.7 MHz
Full
IV
80.0
88.5
dBc
25°C
I
91.0
dBc
fINPUT = 19.6 MHz
Full
IV
80.0
89.0
dBc
25°C
I
90.0
dBc
fINPUT = 32.5 MHz
Full
IV
74.0
83.0
dBc
25°C
I
85.0
dBc
fINPUT = 100 MHz
25°C
V
84.0
85.0
80.5
dBc


Similar Part No. - AD9235BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9235BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com