Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9961601HXA Datasheet(PDF) 5 Page - Analog Devices

Part # 5962-9961601HXA
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9961601HXA Datasheet(HTML) 5 Page - Analog Devices

  5962-9961601HXA Datasheet HTML 1Page - Analog Devices 5962-9961601HXA Datasheet HTML 2Page - Analog Devices 5962-9961601HXA Datasheet HTML 3Page - Analog Devices 5962-9961601HXA Datasheet HTML 4Page - Analog Devices 5962-9961601HXA Datasheet HTML 5Page - Analog Devices 5962-9961601HXA Datasheet HTML 6Page - Analog Devices 5962-9961601HXA Datasheet HTML 7Page - Analog Devices 5962-9961601HXA Datasheet HTML 8Page - Analog Devices 5962-9961601HXA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 4 of 24
Test1
Mil
AD10465BZ/QML-H
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
SINAD8
Analog Input @ 4.98 MHz
25°C
V
70
dB
Analog Input @ 9.9 MHz
25°C
I
4
67.5
69
dB
Full
II
5, 6
67.5
69
dB
Analog Input @ 19.5 MHz
25°C
I
4
65
68
dB
Full
II
5, 6
65
68
dB
Analog Input @ 32.1 MHz
25°C
I
4
60
63
dB
Full
II
5, 6
58
61
dB
SPURIOUS-FREE DYNAMIC RANGE9
Analog Input @ 4.98 MHz
25°C
V
85
dBFS
Analog Input @ 9.9 MHz
25°C
I
4
73
82
dBFS
Full
II
5, 6
70
82
dBFS
Analog Input @ 19.5 MHz
25°C
I
4
72
78
dBFS
Full
II
5, 6
70
78
dBFS
Analog Input @ 32.1 MHz
25°C
I
4
62
68
dBFS
Full
II
5, 6
60
66
dBFS
TWO-TONE IMD REJECTION10
fIN = 10 MHz and 11 MHz
25°C
I
4
78
87
dBFS
f1 and f2 are −7 dB
II
5, 6
78
dBFS
fIN = 31 MHz and 32 MHz
25°C
I
4
68
70
dBFS
f1 and f2 Are −7 dB
Full
II
5, 6
60
dBFS
CHANNEL-TO-CHANNEL ISOLATION11
25°C
IV
12
90
dB
TRANSIENT RESPONSE
25°C
V
15.3
ns
OVERVOLTAGE RECOVERY TIME
VIN = 2.0 × fS
Full
IV
12
40
100
ns
VIN = 4.0 × fS
Full
IV
12
150
200
ns
DIGITAL OUTPUTS12
Logic Compatibility
CMOS
DVCC = 3.3 V
Logic 1 Voltage
Full
I
1, 2, 3
2.5
DVCC − 0.2
V
Logic 0 Voltage
Full
I
1, 2, 3
0.2
0.5
V
DVCC = 5 V
Logic 1 Voltage
Full
V
DVCC − 0.3
V
Logic 0 Voltage
Full
V
0.35
V
Output Coding
Twos complement
POWER SUPPLY
AVCC Supply Voltage13
Full
VI
4.85
5.0
5.25
V
I (AVCC) Current
Full
I
270
308
mA
AVEE Supply Voltage13
Full
VI
−5.25
−5.0
−4.75
V
I (AVEE) Current
Full
V
38
49
mA
DVCC Supply Voltage13
Full
VI
3.135
3.3
3.465
V
I (DVCC) Current
Full
V
30
46
mA
ICC (Total) Supply Current per Channel
Full
I
1, 2, 3
338
403
mA
Power Dissipation (Total)
Full
I
1, 2, 3
3.5
3.9
W
Power Supply Rejection Ratio (PSRR)
Full
V
0.02
% FSR/% VS
Passband Ripple to 10 MHz
V
0.1
dB
Passband Ripple to 25 MHz
V
0.2
dB


Similar Part No. - 5962-9961601HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9961601HXA AD-5962-9961601HXA Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

Similar Description - 5962-9961601HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com