Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465BZ Datasheet(PDF) 6 Page - Analog Devices

Part No. AD10465BZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465BZ Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD10465
Rev. B | Page 5 of 24
1
See Table 3.
2
Gain tests are performed on AIN1 input voltage range.
3
Input capacitance specification combines AD8037 die capacitance and ceramic package capacitance.
4
Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
5
All ac specifications tested by driving ENCODE and ENCODE differentially.
6
Minimum and maximum conversion rates allow for variation in encode duty cycle of 50% ± 5%.
7
Analog input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed). ENCODE = 65 MSPS. SNR is
reported in dBFS, related back to converter full power.
8
Analog input signal power at –1 dBFS. Signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. ENCODE = 65 MSPS.
9
Analog input signal power swept from −1 dBFS to −60 dBFS; SFDR is the ratio of converter full scale to worst spur.
10
Both input tones at −7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermodulation product.
11
Channel-to-channel isolation tested with A channel grounded and a full-scale signal applied to B channel.
12
Digital output logic levels: DVCC = 3.3 V, CLOAD = 10 pF. Capacitive loads > 10 pF degrade performance.
13
Supply voltage recommended operating range. AVCC can be varied from 4.85 V to 5.25 V. However, rated ac (harmonics) performance is valid only over the range
AVCC= 5.0 V to 5.25 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn