Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465BZ Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10465BZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465BZ Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD10465
Rev. B | Page 3 of 24
SPECIFICATIONS
AVCC = +5 V; AVEE = –5 V; DVCC = 3.3 V applies to each ADC, unless otherwise noted. All specifications guaranteed within 100 ms of
initial power-up, regardless of sequencing.
Table 1.
Test1
Mil
AD10465BZ/QML-H
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC ACCURACY
No Missing Codes
Full
VI
1, 2, 3
Guaranteed
Offset Error
25°C
I
1
−2.2
±0.02
+2.2
% FS
Full
VI
2, 3
−2.2
±1.0
+2.2
% FS
Offset Error Channel Match
Full
V
−1
±1.0
+1
%
Gain Error2
25°C
I
1
−3
−1.0
+1
% FS
Full
VI
2, 3
−5
±2.0
+5
% FS
Gain Error Channel Match
25°C
I
1
−1.5
±0.5
+1.5
%
Max
I
2
−3
±1.0
+3
%
Min
I
3
−5
+5
%
ANALOG INPUT (AIN)
Input Voltage Range
AIN1
Full
V
±0.5
V
AIN2
Full
V
±1.0
V
AIN3
Full
V
±2
V
Input Resistance
AIN1
Full
IV
12
99
100
101
Ω
AIN2
Full
IV
12
198
200
202
Ω
AIN3
Full
IV
12
396
400
404
Ω
Input Capacitance3
25°C
IV
12
0
4.0
7.0
pF
Analog Input Bandwidth4
Full
V
100
MHz
ENCODE INPUT (ENC, ENC)5
Differential Input Voltage
Full
IV
0.4
V p-p
Differential Input Resistance
25°C
V
10
Differential Input Capacitance
25°C
V
2.5
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate6
Full
VI
4, 5, 6
65
MSPS
Minimum Conversion Rate6
Full
V
12
20
MSPS
Aperture Delay (tA)
25°C
V
1.5
ns
Aperture Delay Matching
25°C
IV
12
250
500
ps
Aperture Uncertainty (Jitter)
25°C
V
0.3
ps rms
ENCODE Pulse Width High
25°C
IV
12
6.2
7.7
9.2
ns
ENCODE Pulse Width Low
25°C
IV
12
6.2
7.7
9.2
ns
Output Delay (tOD)
Full
V
6.8
ns
ENCODE, Rising to Data Ready, Rising Delay (TE_DR)
Full
11.5
ns
SNR7
Analog Input @ 4.98 MHz
25°C
V
70
dBFS
Analog Input @ 9.9 MHz
25°C
I
4
69
70
dBFS
Full
II
5, 6
68
70
dBFS
Analog Input @ 19.5 MHz
25°C
I
4
68
70
dBFS
Full
II
5, 6
67
70
dBFS
Analog Input @ 32.1 MHz
25°C
I
4
67
69
dBFS
Full
II
5, 6
67
69
dBFS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn