Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9218BST-RL80 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9218BST-RL80
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218BST-RL80 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9218BST-RL80 Datasheet HTML 5Page - Analog Devices AD9218BST-RL80 Datasheet HTML 6Page - Analog Devices AD9218BST-RL80 Datasheet HTML 7Page - Analog Devices AD9218BST-RL80 Datasheet HTML 8Page - Analog Devices AD9218BST-RL80 Datasheet HTML 9Page - Analog Devices AD9218BST-RL80 Datasheet HTML 10Page - Analog Devices AD9218BST-RL80 Datasheet HTML 11Page - Analog Devices AD9218BST-RL80 Datasheet HTML 12Page - Analog Devices AD9218BST-RL80 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9218
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
EXPLANATION OF TEST LEVELS
Table 5.
Parameter
Rating
I.
100% production tested.
VD, V
4 V
DD
II.
100% production tested at 25°C and sample tested at
specified temperatures.
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to V
+ 0.5 V
DD
REFIN Inputs
–0.5 V to VD + 0.5 V
III.
Sample tested only.
Digital Output Current
20 mA
IV.
Parameter is guaranteed by design and characterization
testing.
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
V.
Parameter is a typical value only.
Maximum Case Temperature
150°C
θA (measured on a 4-layer board with
solid ground plane)
57°C/W
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range.
100% production tested at temperature extremes for
military devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. User Select Modes
S1
S2
Power-Down and Data Alignment Settings
0
0
Power down both Channel A and Channel B.
0
1
Power down Channel B only.
1
0
Normal operation (data align disabled).
1
1
Data align enabled (data from both channels
available on rising edge of Clock A. Channel B data is
delayed by a ½ clock cycle.)
ESD CAUTION


Similar Part No. - AD9218BST-RL80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218BST-RL80 AD-AD9218BST-RL80 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9218BST-RL80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com