Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10200BZ Datasheet(PDF) 6 Page - Analog Devices

Part No. AD10200BZ
Description  A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD10200BZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD10200BZ Datasheet HTML 2Page - Analog Devices AD10200BZ Datasheet HTML 3Page - Analog Devices AD10200BZ Datasheet HTML 4Page - Analog Devices AD10200BZ Datasheet HTML 5Page - Analog Devices AD10200BZ Datasheet HTML 6Page - Analog Devices AD10200BZ Datasheet HTML 7Page - Analog Devices AD10200BZ Datasheet HTML 8Page - Analog Devices AD10200BZ Datasheet HTML 9Page - Analog Devices AD10200BZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD10200
–5–
PIN CONFIGURATION
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8
7
6
5
68 67 66 65 64 63 62
4
321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGNDB
AGNDB
DNC
DNC
REF_B_OUT
AGNDB
ENCODEB
AGNDA
AGNDA
DNC
AGNDA
AVCC
DNC
AGNDA
NC = NO CONNECT
ENCODEA
ENCODEA
AGNDA
DVCC
ENCODEB
AGNDB
DVCC
D0B (LSB)
AD10200
(MSB) D11A
D10A
D9A
D8A
D7A
DGNDA
D1B
D2B
D3B
D4B
D5B
DGNDB
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
SHIELD
Internal Ground Shield between Channels
2, 5, 9–11, 13, 16, 19, 35
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to
the device as possible.
3
VREF_A_OUT
A Channel Internal Voltage Reference
6, 62
NC
No Connection
7AINA2
Analog Input for A Side ADC
4, 8, 12, 15, 57, 58, 64, 67
DNC
Do Not Connect
14, 66
AVCC
Analog Positive Supply Voltage (Nominally 5.0 V)
17
ENCODEA
Complement of Encode
18
ENCODEA
Data conversion initiated on the rising edge of ENCODE input.
20
DVCC
Digital Positive Supply Voltage (Nominally 3.3 V)
21–25, 28–34
D11A–D7A,
Digital Outputs for ADC A. D0 (LSB)
D6A–D0A
26, 27
DGNDA
A Channel Digital Ground
36, 52, 55, 59–61, 65, 68
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to
the device as possible.
37–42, 45–50
D11B–D6B,
Digital Outputs for ADC B. D0 (LSB)
D5B–D0B
43, 44
DGNDB
B Channel Digital Ground
51
DVCC
Digital Positive Supply Voltage (Nominally 3.3 V)
53
ENCODEB
Data conversion initiated on rising edge of ENCODE input.
54
ENCODEB
Complement of Encode
56
VREF_B_OUT
B Channel Internal Voltage Reference
63
AINB2
Analog Input for B Side ADC
REV.
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn