Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD3FB60 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # KD3FB60
Description  Absolute Maximum Ratings
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KD3FB60 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  KD3FB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
0
10
20
30
40
50
1
10
100
通電波数 [cycle]
Number of cycles [cycle]
2
5
20
50
サージオン電流耐量
Surge on-state current capability
8.33ms
1cycle
8.33ms
非繰り返し Non-repetitive
正弦波 Sine wave
Tj=25℃
特性図
Characteristic diagram
KD3FB60
2/12


Similar Part No. - KD3FB60

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3002-DC10A ROHM-KD3002-DC10A Datasheet
84Kb / 5P
   Thick Film Thermal Printhead(300dpi)
KD3002-DC70A ROHM-KD3002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC72A ROHM-KD3002-DC72A Datasheet
123Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC92A ROHM-KD3002-DC92A Datasheet
122Kb / 4P
   Thick Film Thermal Printhead (300dpi)
KD3002-DF10A ROHM-KD3002-DF10A Datasheet
64Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
More results

Similar Description - KD3FB60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
2N1924 NJSEMI-2N1924 Datasheet
675Kb / 2P
   absolute maximum ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com