Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1944-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1944-1
Description  Dual Micropower Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1944-1 Datasheet(HTML) 8 Page - Linear Technology

  LT1944-1 Datasheet HTML 1Page - Linear Technology LT1944-1 Datasheet HTML 2Page - Linear Technology LT1944-1 Datasheet HTML 3Page - Linear Technology LT1944-1 Datasheet HTML 4Page - Linear Technology LT1944-1 Datasheet HTML 5Page - Linear Technology LT1944-1 Datasheet HTML 6Page - Linear Technology LT1944-1 Datasheet HTML 7Page - Linear Technology LT1944-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1944-1
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
19441f LT/TP 0801 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single-Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode
TM Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317
2-Cell Micropower DC/DC with Low-Battery Detector
3.3V at 200mA from Two Cells, 600kHz Fixed Frequency
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1611
1.4MHz Inverting Switching Regulator in 5-Lead ThinSOT
– 5V at 150mA from 5V Input, Tiny ThinSOT Package
LT1613
1.4MHz Switching Regulator in 5-Lead ThinSOT
5V at 200mA from 3.3V Input, Tiny ThinSOT Package
LT1615
Micropower DC/DC Converter in 5-Lead ThinSOT
20V at 12mA from 2.5V Input, Tiny ThinSOT Package
LT1617
Micropower Inverting DC/DC Converter in 5-Lead ThinSOT
–15V at 12mA from 2.5V Input, Tiny ThinSOT Package
LT1930A
2.2MHz Boost DC/DC Converter in ThinSOT
5V at 450mA from 3.3V, Tiny ThinSOT Package
LT1944
Dual Micropower Step-Up DC/DC Converter
5V at 80mA and 30V at 8mA, MSOP Package
Burst Mode is a trademark of Linear Technology Corporation
Four Output Power Supply (
±5V, ±15V)
VIN
SW2
FB1
LT1944-1
2
3
L1
22
µH
D1
SHDN1
324k
1M
C2
4.7
µF
5V
20mA
15V
2mA
–15V
2mA
–5V
20mA
VIN
2.7V
TO 4.2V
1944-1 TA03
GND
7
PGND
9
PGND
10
86
SW1
4.7pF
C1
4.7
µF
FB2
4
1
5
SHDN2
L2
22
µH
D2
D3
D4
D6
D5
2M
178k
C3
1
µF
4.7pF
C1, C2, C7: TAIYO YUDEN JMK212BJ475
C3, C4: TAIYO YUDEN EMK212BJ105
C5, C6: TAIYO YUDEN EMK107BJ104
D1, D2, D3, D4, D5, D6: CENTRAL SEMI CMDSH3
L1, L2: MURATA LQH3C220
C5
0.1
µF
C6
0.1
µF
C7
4.7
µF
C4
1
µF
TYPICAL APPLICATIO


Similar Part No. - LT1944-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1944-1 LINER-LT1944-1 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results

Similar Description - LT1944-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944_15 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com