Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP20W60C3 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # FP20W60C3
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

FP20W60C3 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  FP20W60C3_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd FP20W60C3_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd FP20W60C3_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd FP20W60C3_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
MOSFET2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
40
30
35
25
15
20
10
出力特性
Typical Output Characteristics
05
10
20
25
15
Tc=25℃
TYP
10V
10V
10V
8V
8V
8V
6V
6V
6V
5V
5V
5V
V
VGGSS=4V
=4V
VGS=4V
Pulse measurement
40
30
35
25
15
20
10
伝達特性
Transfer Characteristics
05
10
20
15
VDS=20V
TYP
Tc=−55
Tc=−55℃
25
25℃
Tc=−55℃
25℃
Pulse measurement
150
 150℃
150℃
100
 100℃
100℃
ドレイン・ソース間オン抵抗─ドレイン電流
Static Drain-Source On-static Resistance vs Drain Current
ドレイン・ソース間オン抵抗─ケース温度
Static Drain-Source On-static Resistance vs Case Temperature
0.
01
10
0.
0.
0.
05
0.
02
0.
0.
1 0.
0.
10 20
50
VGS=10V
Tc=25℃
TYP
Pulse measurement
0.
01
0.
−55
100
150
50
−55
100
150
50
VGS=10V
Pulse test
TYP
Pulse measurement
IIDD=10A
=10A
ID=10A
ゲートしきい値電圧─ケース温度
Gate Threshold Voltage vs Case
Temperature
VDS=10V
ID=1mA
TYP
Pulse measurement
安全動作領域
Safe Operating Area
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
10
100
60
40
20
0.
01
0.
10
600
100
Tc=25℃
Single pulse
RRDS
DS(
(on
on)
Restricted space
Restricted space
RDS(on)
Restricted space
DC
DC
DC
10ms
10ms
10ms
1ms
1ms
1ms
200μs
200μs
200μs
100μs
100μs
100μs
10μs
10μs
10μs
過渡熱抵抗
Transient Thermal Impedance
10
0.0001
0.001
0.01
0.1
10-4
10-5
10-3
10-2
10-1
10
10
Time t〔s〕
キャパシタンス特性
Capacitance Characteristics
100000
10000
1000
100
10
f=1MHz
Tc=25℃
TYP
20
80
100
40
60
100
60
80
40
20
全損失減少率─ケース温度
Power Derating - Case Temperature
25
50
75
125
150
100
VVGGSS
VGS
VVDS
DS
VDS
15
20
10
ゲートチャージ特性
400
500
300
200
100
Gate Charge Characteristics
40
80
160
200
120
ID=20A
TYP
VVDD
DD
==400
400V
200
200V
100
100V
VDD=400V
200V
100V
Drain Source Voltage VDS〔V〕
Gate Source Voltage VGS〔V〕
Drain Current ID〔A〕
Case Temperature Tc〔℃〕
Case Temperature Tc〔℃〕
Drain Source Voltage VDS〔V〕
Drain Source Voltage VDS〔V〕
Case Temperature Tc〔℃〕
Total Gate Charge Qg〔nC〕
θ
θjcjc
θjc
FP20W60C3


Similar Part No. - FP20W60C3_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
FP20W60C3 SHINDENGEN-FP20W60C3 Datasheet
160Kb / 2P
   Power MOSFET
More results

Similar Description - FP20W60C3_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com