Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ861C3DRA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LNJ861C3DRA
Description  Surface Mounting Chip LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNJ861C3DRA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LNJ861C3DRA Datasheet HTML 1Page - List of Unclassifed Manufacturers LNJ861C3DRA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit: mm
1: Anode
2: Cathode
65
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
60
60
60
60
20
20
20
20
60
60
60
60
4
4
4
3
−25 ∼ +80 −30 ∼ +85
GW Type
s Adsolute Maximum Ratings (T
a = 25°C)
Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
LN1261C
− (TR)
LN1361C
− (TR)
LN1461C
− (TR)
LN1861C
− (TR)
Unit
Red
Green
Amber
Orange
Clear
Clear
Clear
Clear
1.4
0.5
15
2.2
2.8
700
100
20
5
4
7.5
2.8
20
2.2
2.8
565
30
20
10
4
4.5
1.6
20
2.2
2.8
590
30
20
10
4
5.0
1.9
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
IO ¾ Ta
500
300
30
50
100
10
0
-20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Directive Characteristics
IF ¾ VF
20°
30°
40°
50°
10°
60°
70°
80°
90°
90°
80°
20°
30°
40°
50°
10°
60°
70°
80°
20°
40°
60°
0
0
20
10
5
15
20
25
40
60
80
100
100
500
600
700
800
0
20
40
60
80 100
20
40
60
80
100
80
60
40
20
0
IF ¾ Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Relative Luminous Intensity
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50 100
300
30
30
10
5
3
0.5
0.3
1
0.1
IO ¾ IF
LN1461C-(TR)
LN1461C-(TR)
LN1261C-(TR)
LN1261C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1261C-(TR)
LN1261C-(TR)
LN1361C-(TR)
LN1361C-(TR)
LN1461C-(TR)
LN1461C-(TR)
LN1261C-(TR)
LN1261C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1361C-(TR)
LN1361C-(TR)
LN1461C-(TR)
LN1461C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1361C-(TR)
LN1361C-(TR)
LN1461C-(TR)
LN1461C-(TR)
LN1261C-(TR)
LN1261C-(TR)
LN1361C-(TR)
LN1361C-(TR)
LN1861C-(TR)
LN1861C-(TR)
LN1461C-(TR)
LN1461C-(TR)
LN1261C-(TR)
LN1261C-(TR)
Surface Mounting Chip LED
−25 ∼ +80
−25 ∼ +80
−25 ∼ +80
1.8Max
0.8Max
1
2
1.5
± 0.2
2.2
± 0.2
0.65
± 0.2
0.4
± 0.1
0.5
± 0.1
C0.5
1
2
0.15
0 0.15
(1.7)
−30 ∼ +85
−30 ∼ +85
−30 ∼ +85
Conventional Part No.
Global Prat No.
Lighting Color
LN1261C
− (TR) ······· LNJ261C3RRA ········ Red
LN1361C
− (TR) ······· LNJ361C3GRA ········ Green
LN1461C
− (TR) ······· LNJ461C3XRA ········ Amber
LN1861C
− (TR) ······· LNJ861C3DRA ········ Orange


Similar Part No. - LNJ861C3DRA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ861C38RA PANASONIC-LNJ861C38RA Datasheet
30Kb / 1P
   InGaAIP GW Type
More results

Similar Description - LNJ861C3DRA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1251C PANASONIC-LN1251C Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LNJ010C6BRAV PANASONIC-LNJ010C6BRAV Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ115W89RA PANASONIC-LNJ115W89RA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ115W8ARA PANASONIC-LNJ115W8ARA Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ211R8ARA PANASONIC-LNJ211R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ8L4C18RAA PANASONIC-LNJ8L4C18RAA Datasheet
393Kb / 3P
   Surface Mounting Chip LED
LNJ826W86RA PANASONIC-LNJ826W86RA Datasheet
353Kb / 3P
   Surface Mounting Chip LED
LNJ03004BDD3 PANASONIC-LNJ03004BDD3 Datasheet
653Kb / 3P
   Surface Mounting Chip LED
LNJ03004BND1 PANASONIC-LNJ03004BND1 Datasheet
649Kb / 3P
   Surface Mounting Chip LED
LNJ308G8TRA PANASONIC-LNJ308G8TRA_08 Datasheet
336Kb / 3P
   Surface Mounting Chip LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com