Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1878 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1878
Description  Integrated Circuit Module, Voltage Amp for 2 Power, 2 Channel, 40W to 50W AF Power Amp
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1878 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1878 Datasheet HTML 1Page - NTE Electronics NTE1878 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1878
Integrated Circuit
Module, Voltage Amp for 2 Power,
2 Channel, 40W to 50W AF Power Amp
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
±55V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC
+115
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature Range, Tstg
–30
° to +115°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VG = 40dB unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICC
VCC = ±43V
20
30
mA
Midpoint Voltage
VN
VCC = ±43V
–50
+50
mV
Output Noise Voltage
VNO
VCC = ±43V, Rg = 10kΩ
1.0
mV
Input Impedance
ri
VCC = ±43V, VO = 2.83V, f = 1kHz
92
k
Total Harmonic Distortion
THD
VCC = ±36V, VO = 17.9V, f = 20kHz
0.005
%
GND
VCC
Pin Connection Diagram
(Front View)
Input 1 (+)
Feedback 1
Feedback 2
Input 2 (+)
Bootstrap 2
Substrate
15
14
13
12
Input 2 (–)
Feedback 2
11 Output 2
10
9
8
7
Bootstrap 1
Output 1
6
5
Feedback 1
4
3
2
Input 1 (–)
1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn