Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR25A Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR25A
Description  MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR25A Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR25A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR25A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR25A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR25A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
(BCR25B)
RMS ON-STATE CURRENT (A)
160
120
100
60
20
0
32
0
416
24
28
40
80
140
812
20
100 100 t3.0
120 120 t3.0
160 160 t4.0
NATURAL CONVECTION
ALL FINS ARE BLACK PAINTED
ALUMINUM AND GREASED
WITHOUT
MICA PLATE
WITH GREASE
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
102
23
100
57 101 23 5 7 102 23 5 7 103
3
2
103
7
5
3
2
7
5
7
5
3
2
101
IRGT III
IRGT I
IFGT I
tw
0.1s
6V
6
A
TYPICAL
EXAMPLE
Tj = 25°C
160
120
100
60
20
0
160
0
20
80
120 140
40
80
140
40
60
100
TYPICAL EXAMPLE
I QUADRANT
III QUADRANT
101
23
101
57 102 23 5 7 103 23 5 7 104
3
2
102
7
5
3
2
7
5
7
5
3
2
100
I QUADRANT
III QUADRANT
VOLTAGE WAVEFORM
CURRENT WAVEFORM
VD
t
(dv/dt)C
IT
τ
t
(di/dt)C
TYPICAL
EXAMPLE
Tj = 125°C
IT = 4A,
τ = 500µs
VD = 200V, f = 3Hz
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR25A, BCR25B
MEDIUM POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
6
6
6
6V
6V
6V
RG
RG
RG
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS


Similar Part No. - BCR25A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB Datasheet
475Kb / 9P
   600V - 25A - Triac
Sep. 11, 2018
BCR25CM-12LBBB0 RENESAS-BCR25CM-12LBBB0 Datasheet
475Kb / 9P
   600V - 25A - Triac
Sep. 11, 2018
BCR25CM-12LBBH0 RENESAS-BCR25CM-12LBBH0 Datasheet
475Kb / 9P
   600V - 25A - Triac
Sep. 11, 2018
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25CM12LB RENESAS-BCR25CM12LB Datasheet
224Kb / 8P
   Triac
More results

Similar Description - BCR25A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR12AM MITSUBISHI-CR12AM Datasheet
68Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR20F MITSUBISHI-CR20F Datasheet
64Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12BM MITSUBISHI-CR12BM Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR12AM RENESAS-CR12AM_15 Datasheet
134Kb / 9P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM RENESAS-CR8AM_15 Datasheet
131Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR6CM MITSUBISHI-CR6CM Datasheet
68Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com