Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7143SRE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L7143SRE
Description  T-1 3/4 (5MM) SUPER BRIGH LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7143SRE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L7143SRE Datasheet HTML 1Page - List of Unclassifed Manufacturers L7143SRE Datasheet HTML 2Page - List of Unclassifed Manufacturers L7143SRE Datasheet HTML 3Page - List of Unclassifed Manufacturers L7143SRE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: CDA0780
REV NO: V.1
DATE: NOV/17/2001
PAGE: 2 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
0
6
6
5
6
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
0
4
6
8
6
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
0
2
0
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
5
4
5
1
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
5
8
.
1
2
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
I R
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
ir
B
r
e
p
u
Sd
e
R
t
h
g
ir
B
r
e
p
u
S
d
e
R
t
h
g
ir
B
r
e
p
u
S
d
e
R
t
h
g
ir
B
r
e
p
u
Sd
e
R
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Ss
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P5
5
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
5
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
G
S
3
4
1
7
L)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W0
70
5
0
3
C
/
C
R
S
3
4
1
7
L
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W
0
0
40
0
0
3
D
/
C
R
S
3
4
1
7
L
0
0
70
0
0
3
E
/
C
R
S
3
4
1
7
L
0
0
0
10
0
0
0
3


Similar Part No. - L7143SRE

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L7141-10 HAMAMATSU-L7141-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
More results

Similar Description - L7143SRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-53SG ETC-L-53SG Datasheet
418Kb / 3P
   T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
   T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Kingbright Corporation
L-56BHD KINGBRIGHT-L-56BHD Datasheet
129Kb / 5P
   T-1 3/4 (5mm) BLINKING LED LAMPS
logo
List of Unclassifed Man...
L493IT ETC-L493IT Datasheet
143Kb / 5P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
logo
Everlight Electronics C...
T1C1-1VXA EVERLIGHT-T1C1-1VXA Datasheet
232Kb / 10P
   Popular T-1 3/4 colorless 5mm LED lamps
logo
Kingbright Corporation
L2523SURC KINGBRIGHT-L2523SURC Datasheet
102Kb / 4P
   T-1 3/4 (5MM) HYPER RED LED LAMPS
logo
Unity Opto Technology
MVL-584BG UOT-MVL-584BG Datasheet
31Kb / 2P
   T-1 3/4 ( f 5mm) InGaN LED LAMPs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com