Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV426 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV426
Description  complete imaging front-end solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV426 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV426 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV426 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Endoscopes
Catheters
¬ Wearables
Applications
¬
¬
¬
¬
¬
complete imaging front-end solution
400 x 400 at 30 fps
support for the following ISP functions:
- ADC
- BLC
- AEC/AGC
- MWB
analog input
support for:
- SCCB control
- 10-bit DVP data output
- SPI master
flexible input clock
external system clock or
independent crystal; internal PLL
low voltage operation
6 mm x 6 mm to fit into handle or at
back-end, near ISP in medical
endoscope and other video devices
¬
¬
¬
¬
Product Features
¬
OV00426-B64G
(lead-free, 64-pin BGA)
Ordering Information
¬
power supply:
- core: 1.5V
- I/O: 3.3V
- analog: 3.3V
¬
¬
temperature range: -30°C to +70°C
package dimensions:
6 mm x 6 mm
Product Specifications
OV426
Version 1.0, July, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
OV6946
image
sensor
customer
medical
system
OV426
ADC
memory
controller
BLC
MWB
DVP
SPI
master
system
control
SCCB
slave
AEC/AGC
PLL


Similar Part No. - OV426

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV420 OMNIVISION-OV420 Datasheet
1Mb / 2P
   Veterinarian Endoscopes
More results

Similar Description - OV426

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX24108 CONEXANT-CX24108 Datasheet
249Kb / 2P
   Highly Integrated, Complete Broadband Satellite Front-End Solution
logo
Analog Devices
ADV7850KBCZ-5 AD-ADV7850KBCZ-5 Datasheet
773Kb / 32P
   Complete AV Front End
REV. 0
ADV7850 AD-ADV7850 Datasheet
766Kb / 6P
   Complete AV Front End
REV. 0
logo
RF Micro Devices
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
   3.3V, SWITCH AND LNA FRONT END SOLUTION
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
   3.3 V, SWITCH AND LNA FRONT END SOLUTION
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
RF Micro Devices
RFFM5541 RFMD-RFFM5541 Datasheet
152Kb / 7P
   4.9GHz to 5.85GHz Switch and LNA Front End Solution
logo
Qorvo, Inc
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
   4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
logo
RF Micro Devices
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
   4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com