Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7143 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L7143
Description  T-1 3/4 (5MM) SUPER BRIGH LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7143 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L7143 Datasheet HTML 1Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 2Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 3Page - List of Unclassifed Manufacturers L7143 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: CDA0780
REV NO: V.1
DATE: NOV/17/2001
PAGE: 1 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
L7143SGC SUPER BRIGHT GREEN
L7143SRC/x SUPER BRIGHT RED
T-1 3/4 (5mm) SUPER BRIGHT LED LAMPS
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
ULTRA BRIGHTNESS.
!
WIDE VIEWING ANGLE.
!
WATER CLEAR LENS.
!
OUTSTANDING MATERIAL EFFICIENCY.
!
RELIABLE AND RUGGED.
!
IC COMPATIBLE/LOW CURRENT CAPABILITY.


Similar Part No. - L7143

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L7141-10 HAMAMATSU-L7141-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
More results

Similar Description - L7143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-53SG ETC-L-53SG Datasheet
418Kb / 3P
   T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
   T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Kingbright Corporation
L-56BHD KINGBRIGHT-L-56BHD Datasheet
129Kb / 5P
   T-1 3/4 (5mm) BLINKING LED LAMPS
logo
List of Unclassifed Man...
L493IT ETC-L493IT Datasheet
143Kb / 5P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
logo
Everlight Electronics C...
T1C1-1VXA EVERLIGHT-T1C1-1VXA Datasheet
232Kb / 10P
   Popular T-1 3/4 colorless 5mm LED lamps
logo
Kingbright Corporation
L2523SURC KINGBRIGHT-L2523SURC Datasheet
102Kb / 4P
   T-1 3/4 (5MM) HYPER RED LED LAMPS
logo
Unity Opto Technology
MVL-584BG UOT-MVL-584BG Datasheet
31Kb / 2P
   T-1 3/4 ( f 5mm) InGaN LED LAMPs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com